Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP175 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 12Page - Texas Instruments TMP175 Datasheet HTML 13Page - Texas Instruments TMP175 Datasheet HTML 14Page - Texas Instruments TMP175 Datasheet HTML 15Page - Texas Instruments TMP175 Datasheet HTML 16Page - Texas Instruments TMP175 Datasheet HTML 17Page - Texas Instruments TMP175 Datasheet HTML 18Page - Texas Instruments TMP175 Datasheet HTML 19Page - Texas Instruments TMP175 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Pointer
Register
TMP175-Q1, TMP75-Q1
SBOS759 – NOVEMBER 2015
www.ti.com
7.5 Programming
7.5.1 Pointer Register
Figure 11 shows the internal register structure of the TMP175-Q1 and TMP75-Q1. The 8-bit Pointer register of
the devices is used to address a given data register. The Pointer register uses the two LSBs to identify which of
the data registers must respond to a read or write command. Table 4 identifies the bits of the Pointer register
byte. Table 5 describes the pointer address of the registers available in the TMP175-Q1 and TMP75-Q1. The
power-up reset value of P1/P0 is 00.
Figure 11. Internal Register Structure of the TMP175-Q1 and TMP75-Q1
Table 4. Pointer Register Byte (pointer = N/A) [reset = 00h]
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
Table 5. Pointer Addresses of the TMP175-Q1 and TMP75-Q1
P1
P0
TYPE
REGISTER
0
0
R only, default
Temperature register
0
1
R/W
Configuration register
1
0
R/W
TLOW register
1
1
R/W
THIGH register
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com