Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP175 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 17Page - Texas Instruments TMP175 Datasheet HTML 18Page - Texas Instruments TMP175 Datasheet HTML 19Page - Texas Instruments TMP175 Datasheet HTML 20Page - Texas Instruments TMP175 Datasheet HTML 21Page - Texas Instruments TMP175 Datasheet HTML 22Page - Texas Instruments TMP175 Datasheet HTML 23Page - Texas Instruments TMP175 Datasheet HTML 24Page - Texas Instruments TMP175 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
SCL
ALERT
GND
2
6
1
A0
V+
3
5
Two-Wire
Host Controller
TMP175-Q1,
TMP75-Q1
SDA
5-k
Pullup Resistors
0.01-µF
Supply Bypass Capacitor
2.7-V to 5.5-V
Supply Voltage
A1
A2
4
7
8
TMP175-Q1, TMP75-Q1
www.ti.com
SBOS759 – NOVEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TMP175-Q1 and TMP75-Q1 devices are used to measure the printed circuit board (PCB) temperature of
where the device is mounted. The TMP175-Q1 and TMP75-Q1 feature SMBus, two-wire, and I2C interface
compatibility, with the TMP175-Q1 allowing up to 27 devices on one bus and the TMP75-Q1 allowing up to eight
devices on one bus. The TMP175-Q1 and TMP75-Q1 both feature a SMBus Alert function. The TMP175-Q1 and
TMP75-Q1 require no external components for operation except for pullup resistors on SCL, SDA, and ALERT,
although a 0.1-
μF bypass capacitor is recommended.
The sensing device of the TMP175-Q1 and TMP75-Q1 devices is the device itself. Thermal paths run through
the package leads as well as the plastic package. The lower thermal resistance of metal causes the leads to
provide the primary thermal path.
8.2 Typical Application
Figure 13. Typical Connections of the TMP175-Q1 and TMP75-Q1
8.2.1 Design Requirements
The TMP175-Q1 and TMP75-Q1 devices requires pullup resistors on the SCL, SDA, and ALERT pins. The
recommended value for the pullup resistor is 5 k
Ω. In some applications the pullup resistor can be lower or
higher than 5 k
Ω, but must not exceed 3 mA of current on the SCL and SDA pins and must not exceed 4 mA on
the ALERT pin. A 0.1-
μF bypass capacitor is recommended, as shown in Figure 13. The SCL, SDA, and ALERT
lines can be pulled up to a supply that is equal to or higher than VS through the pullup resistors. For the TMP175-
Q1, to configure one of 27 different addresses on the bus, connect A0, A1, and A2 to either the GND or the V+
pin or float these pins. Float indicates that the pin is left unconnected. For the TMP75-Q1, to configure one of
eight different addresses on the bus, connect A0, A1, and A2 to either the GND or V+ pin.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com