Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB8682PL Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB8682PL
Description  Monolithic Digital IC For Camera Cell Phone Motor Driver Two Saturated Drive Channels and One Constant-Current Drive Channel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8682PL Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB8682PL Datasheet HTML 1Page - Sanyo Semicon Device LB8682PL Datasheet HTML 2Page - Sanyo Semicon Device LB8682PL Datasheet HTML 3Page - Sanyo Semicon Device LB8682PL Datasheet HTML 4Page - Sanyo Semicon Device LB8682PL Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
31407 MS OT 20051221-S00001 No.A0294-1/5
LB8682PL
Overview
The LB8682PL is a motor driver IC that has a two saturated drive channels and one constant-current drive channel.
Its compact, low-profile package makes it ideal for use in cell phone cameras.
Using direct microcontroller drive, and the control of the shutter and the motor for the AF(Auto-Focus) drive, etc..
Functions
• Constant voltage control for AF (H-Bridge × 2ch)
• Constant current control for shutter. (H-Bridge × 1ch)
• Built-in thermal protection circuit
• Built-in reference voltage circuit (0.2V typical)
• Built-in spark killer diodes
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
-0.3 to +0.8
V
Output voltage
VOUT max
OUT1 to OUT6
VCC+VSF
V
Input voltage
VIN max
ENA1 to ENA2, IN1 to IN4
-0.3 to +0.8
V
GND pin source current
IGND
Per channel
300
mA
Allowable power dissipation
Pd max
When mounted on a circuit board*
830
mW
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-40 to +125
°C
*: On the specified circuit board (40.0
×50.0×0.8mm3 four-layer glass-epoxy board)
Ordering number : ENA0294
Monolithic Digital IC
For Camera Cell Phone Motor Driver
Two Saturated Drive Channels
and One Constant-Current Drive
Channel


Similar Part No. - LB8682PL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8681CL SANYO-LB8681CL Datasheet
69Kb / 5P
Monolithic Digital IC Constant Current Driver IC with H-bridge 횞 1.5 Channel
LB8684CL SANYO-LB8684CL Datasheet
72Kb / 5P
Monolithic Digital IC Digital Camera Motor Driver for Cell Phones
More results

Similar Description - LB8682PL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3050 FAIRCHILD-KA3050 Datasheet
199Kb / 22P
Camera Motor Drive and Control IC
FAN8700 FAIRCHILD-FAN8700 Datasheet
155Kb / 14P
Camera Motor Drive and Control IC
logo
Sanyo Semicon Device
LB8649W SANYO-LB8649W Datasheet
133Kb / 9P
Monolithic Digital IC Digital Camera Motor Driver
LB8684CL SANYO-LB8684CL Datasheet
72Kb / 5P
Monolithic Digital IC Digital Camera Motor Driver for Cell Phones
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB8628PL SANYO-LB8628PL Datasheet
76Kb / 6P
Two Saturated Drive Channels
LV8481CS SANYO-LV8481CS Datasheet
255Kb / 13P
Saturated Driver with 2 channels Constant Current Driver
LV8411GR SANYO-LV8411GR_12 Datasheet
145Kb / 7P
For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
logo
Shenzhen Huazhimei Semi...
HM2515 HMSEMI-HM2515 Datasheet
701Kb / 8P
Two-channel motor driver chip with adjustable drive current and constant current function
HM2530 HMSEMI-HM2530 Datasheet
905Kb / 11P
Two-channel motor driver chip with adjustable drive current and constant current function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com