Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB8682PL Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB8682PL
Description  Monolithic Digital IC For Camera Cell Phone Motor Driver Two Saturated Drive Channels and One Constant-Current Drive Channel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8682PL Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB8682PL Datasheet HTML 1Page - Sanyo Semicon Device LB8682PL Datasheet HTML 2Page - Sanyo Semicon Device LB8682PL Datasheet HTML 3Page - Sanyo Semicon Device LB8682PL Datasheet HTML 4Page - Sanyo Semicon Device LB8682PL Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB8682PL
No.A0294-2/5
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.2 to 7.5
V
Constant-current setting range
IOUT
50 to 200
mA
High-level input voltage
VIH
1.5 to 7.5
V
Low-level input voltage
VIL
ENA1 to ENA2, IN1 to IN4
-0.3 to +0.5
V
Electrical Characteristics at Ta = 25°C, VCC = 3.3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
ENA1 = ENA2 = IN3 = IN4 = 0V
0.1
1
µA
ICC1
ENA1 = ENA2 = 3V
13.5
20.0
mA
Current drain
ICC2
IN3orIN4 = 3V IO = 200mA RF = 1Ω
5.0
8.5
mA
Input current
IIN
VIN = 3V
60
90
µA
Saturated drive driver (OUT1, OUT2, OUT3, and OUT4)
VSAT11
IOUT = 100mA
0.22
0.32
V
Output saturation voltage1
VSAT12
IOUT = 200mA
0.42
0.62
V
Constant-Current drive driver (OUT5 and OUT6)
Constant-current output1
IOUT1
Between RFG and ground: 2
Ω
95
100
105
mA
Constant-current output2
IOUT2
Between RFG and ground: 0.8
Ω,
VCC = 5V
238
250
262
mA
VSAT21
IOUT = 100mA
0.18
0.27
V
Output saturation voltage
VSAT22
IOUT = 200mA
0.35
0.53
V
Spark killer diode
Reverse current
IS (leak)
1
µA
Forward voltage
VSF
IOUT = 200mA
1.7
V
Other circuits
Thermal protection detection
temperature
TTSD
(Design specification)
160
180
200
°C
Package Dimensions
Pin Assignment
unit : mm
3321
0.75
BOTTOM VIEW
3.5
0.35
0.2
TOP VIEW
TOP VIEW
1
6
7
12
13
18
19
24
SANYO : VQLP24(3.5X3.5)
19
20
21
22
23
24
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
1
2
3
4
5
6
12
11
10
9
8
7
IN4
IN3
IN2
ENA2
IN1
ENA1
18
17
16
15
14
13
Top view



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com