Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYRF69103 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 35Page - Cypress Semiconductor CYRF69103 Datasheet HTML 36Page - Cypress Semiconductor CYRF69103 Datasheet HTML 37Page - Cypress Semiconductor CYRF69103 Datasheet HTML 38Page - Cypress Semiconductor CYRF69103 Datasheet HTML 39Page - Cypress Semiconductor CYRF69103 Datasheet HTML 40Page - Cypress Semiconductor CYRF69103 Datasheet HTML 41Page - Cypress Semiconductor CYRF69103 Datasheet HTML 42Page - Cypress Semiconductor CYRF69103 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 39 of 73
Table 59.Free-Running Timer High-Order Byte (FRTMRH) [0x21] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Free-running Timer [15:8]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Bits 7:0
Free-running Timer [15:8]
When reading the free-running timer, the low-order byte should be read first and the high-order second. When writing, the low-order byte should
be written first then the high-order byte.
Table 60.Programmable Interval Timer Low (PITMRL) [0x26] [R]
Bit #
7
6
5
4
3
2
1
0
Field
Prog Interval Timer [7:0]
Read/Write
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Bits 7:0
Prog Interval Timer [7:0]
This register holds the low order-byte of the 12-bit programmable interval timer. Reading this register causes the high-order byte to be moved
into a holding register allowing an automatic read of all 12 bits simultaneously
Table 61.Programmable Interval Timer High (PITMRH) [0x27] [R]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Prog Interval Timer [11:8]
Read/Write
--
--
--
--
R
R
R
R
Default
0
0
0
0
0
0
0
0
Bits 7:4
Reserved
Bits 3:0
Prog Internal Timer [11:8]
This register holds the high-order nibble of the 12-bit programmable interval timer. Reading this register returns the high-order nibble of the
12-bit timer at the instant that the low-order byte was last read
Table 62.Programmable Interval Reload Low (PIRL) [0x28] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Prog Interval [7:0]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Bits 7:0
Prog Interval [7:0]
This register holds the lower 8 bits of the timer. While writing into the 12-bit reload register, write lower byte first then the higher nibble.
Table 63.Programmable Interval Reload High (PIRH) [0x29] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Prog Interval[11:8]
Read/Write
--
--
--
--
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Bits 7:4]
Reserved
Bits 3:0
Prog Interval [11:8]
This register holds the higher 4 bits of the timer. While writing into the 12-bit reload register, write lower byte first then the higher nibble
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com