Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7763 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7763
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7763 Datasheet HTML 12Page - Analog Devices AD7763 Datasheet HTML 13Page - Analog Devices AD7763 Datasheet HTML 14Page - Analog Devices AD7763 Datasheet HTML 15Page - Analog Devices AD7763 Datasheet HTML 16Page - Analog Devices AD7763 Datasheet HTML 17Page - Analog Devices AD7763 Datasheet HTML 18Page - Analog Devices AD7763 Datasheet HTML 19Page - Analog Devices AD7763 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7767
Rev. 0 | Page 16 of 24
0
–20
–40
–60
–80
–100
–120
–140
–160
0
128k
112k
96k
80k
64k
48k
32k
16k
FREQUENCY (Hz)
Figure 32. AD7767 Digital Filter Frequency Response
0
–20
–40
–60
–80
–100
–120
–140
–160
0
56k
48k
40k
32k
24k
16k
8k
FREQUENCY (Hz)
64k
Figure 33. AD7767-1 Digital Filter Frequency Response
0
–20
–40
–60
–80
–100
–120
–140
–160
0
28k
24k
20k
16k
12k
8k
4k
FREQUENCY (Hz)
32k
Figure 34. AD7767-2 Digital Filter Frequency Response
ANALOG INPUT STRUCTURE
The AD7767/AD7767-1/AD7767-2 are configured as a
differential input structure. A true differential signal is sampled
between the analog inputs VIN+ and VIN−, Pin 4 and Pin 5,
respectively. Using differential inputs provides rejection of
signals that are common to both the VIN+ and VIN− pins.
Figure 35 shows the equivalent analog input circuit of the
AD7767/AD7767-1/AD7767-2. The two diodes on each of the
differential inputs provide ESD protection for the analog inputs.
VIN+
VREF+
C1
D
D
GND
AGND
RIN C2
VIN–
VREF+
C1
D
D
GND
AGND
RIN C2
Figure 35. Equivalent Analog Input Structure
Take care to ensure that the analog input signal does not exceed
the reference supply voltage VREF+ by more than 0.3 V as specified
in the Absolute Maximum Ratings section. The diodes become
forward biased if the input voltage exceeds this limit and start to
conduct current. The diodes can handle 130 mA maximum.
The impedance of the analog inputs can be modeled as a
parallel combination of C1 and the network formed by the
series connection of RIN, C1, and C2. The value of C1 is
dominated by the pin capacitance. RIN is typically 1.4 kΩ, the
lumped component of serial resistors and the RON of the
switches. C2 is typically 22 pF, and its value is dominated by the
sampling capacitor.
SUPPLY AND REFERENCE VOLTAGES
The AD7767/AD7767-1/AD7767-2 operate from a 2.5 V supply
applied to the DVDD, AVDD pins. The interface is specified to
operate between 1.7 V and 3.6 V. The AD7767/AD7767-1/
AD7767-2 operate from a 5 V reference applied to the VREF+ pin.
The recommended reference devices are the ADR445 or the
ADR425. The 5 V reference operates both as a reference supply
and as a power supply to the AD7767/AD7767-1/AD7767-2
device. This feature means that the full-scale differential input
range of the AD7767/AD7767-1/AD7767-2 is 10 V. See the
Driving the AD7767 section for details on the maximum input
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com