Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7763 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7763
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7763 Datasheet HTML 15Page - Analog Devices AD7763 Datasheet HTML 16Page - Analog Devices AD7763 Datasheet HTML 17Page - Analog Devices AD7763 Datasheet HTML 18Page - Analog Devices AD7763 Datasheet HTML 19Page - Analog Devices AD7763 Datasheet HTML 20Page - Analog Devices AD7763 Datasheet HTML 21Page - Analog Devices AD7763 Datasheet HTML 22Page - Analog Devices AD7763 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD7767
Rev. 0 | Page 19 of 24
DAISY CHAIN MODE CONFIGURATION AND TIMING DIAGRAMS
SYNC/PD
MCLK
CS
SDI
SDI
SDO
SCLK
AD7767
(D)
SCLK
CS
SYNC/PD
SYNC/PD
MCLK
CS
SDI
SDO
SCLK
AD7767
(C)
SYNC/PD
MCLK
CS
SDI
SDO
SCLK
AD7767
(B)
SYNC/PD
MCLK
CS
SDI
SDO
DRDY
SCLK
AD7767
(A)
MCLK
Figure 36. AD7767 Daisy Chain Configuration with Four AD7767 Devices
MCLK
DRDY (A)
SCLK
SDO (A)
SDI (A) = SDO (B)
SDI (B) = SDO (C)
SDI (C) = SDO (D)
CS
1
8 × n
AD7767 (A)
AD7767 (B)
AD7767 (C)
AD7767 (D)
AD7767 (A)
AD7767 (B)
AD7767 (C)
AD7767 (D)
AD7767 (B)
AD7767 (C)
AD7767 (D)
AD7767 (C)
AD7767 (D)
AD7767 (D)
24 ×
tSCLK
24 ×
tSCLK
24 ×
tSCLK
24 ×
tSCLK
Figure 37. AD7767 Daisy Chain Timing Diagram (n = 1 for AD7767, n = 2 for AD7767-1, n = 4 for AD7767-2) Driving the AD7767
MCLK
SDO (A)
SDI (A) = SDO (B)
SCLK
DRDY (A)
CS
MSB (A)
LSB (A) MSB (B)
LSB (B)
LSB (C)
MSB (C)
MSB (B)
LSB (B) MSB (C)
LSB (C)
LSB (D)
MSB (D)
1
t16
t17
Figure 38. AD7767 Daisy Chain SDI Setup and Hold Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com