Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR1000 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # STAR1000
Description  1M Pixel Radiation Hard CMOS Image Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button STAR1000 Datasheet HTML 13Page - Cypress Semiconductor STAR1000 Datasheet HTML 14Page - Cypress Semiconductor STAR1000 Datasheet HTML 15Page - Cypress Semiconductor STAR1000 Datasheet HTML 16Page - Cypress Semiconductor STAR1000 Datasheet HTML 17Page - Cypress Semiconductor STAR1000 Datasheet HTML 18Page - Cypress Semiconductor STAR1000 Datasheet HTML 19Page - Cypress Semiconductor STAR1000 Datasheet HTML 20Page - Cypress Semiconductor STAR1000 Datasheet HTML 21Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
STAR1000
Document Number: 38-05714 Rev. *B
Page 17 of 21
Die Alignment
Figure 9. Die Alignment
Glass Lids
There are 2 glass lid versions available:
• STAR1000 - Quartz glass with air inside the cavity
• STAR1000BK7 - BK7G18 glass with N2 inside the cavity
Die Adhesive:
0.08+0.02
Window Adhesive:
0.08+0.02
Glass Window:
1.0+/-0.05
Die:
0.508+0.01
Bonding Cavity:
0.508+0.051
Die Cavity:
0.508+0.051
Section A
A -
Drawing Not to Scale
200
X
Y
Centre of Cavity
and of FPA
Centre of
Silicium
Offset Between Centre of
Silicium and Centre of
Cavity:
X: 52 m
Y: 200 m
52
Parallelism in
X and Y within
+ 50 mm
Pin 1
A
A
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com