Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR1000 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # STAR1000
Description  1M Pixel Radiation Hard CMOS Image Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000 Datasheet(HTML) 2 Page - Cypress Semiconductor

  STAR1000 Datasheet HTML 1Page - Cypress Semiconductor STAR1000 Datasheet HTML 2Page - Cypress Semiconductor STAR1000 Datasheet HTML 3Page - Cypress Semiconductor STAR1000 Datasheet HTML 4Page - Cypress Semiconductor STAR1000 Datasheet HTML 5Page - Cypress Semiconductor STAR1000 Datasheet HTML 6Page - Cypress Semiconductor STAR1000 Datasheet HTML 7Page - Cypress Semiconductor STAR1000 Datasheet HTML 8Page - Cypress Semiconductor STAR1000 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
STAR1000
Document Number: 38-05714 Rev. *B
Page 2 of 21
Image Sensor Specifications
General Specifications
Electro-optical Specifications
Table 1. General Specification of the STAR1000 Sensor
Parameter
Specification
Comment
Detector technology
CMOS active pixel sensor
Pixel structure
3-transistor active pixel
Radiation-tolerant pixel design.
Photodiode
High fill factor photodiode
Using N-well technique.
Sensitive area format
1024 x 1024 pixels
Pixel size
15 x15
µm2
Pixel output rate
12 MHz
Speed can be exchanged for power consumption.
Windowing
X- and Y- addressing random programmable
Electronic shutter
Electronic rolling shutter.
Range: 1:1024
Integration time is variable in time steps equal to the
row readout time.
Total dose radiation
tolerance
> 250 Krad (Si)
Pixel test structures with a similar design have
shown total dose tolerance up to several Mrad.
Note: Dark current and DSNU are dependent of
radiation dose.
Proton radiation tolerance
2,4.1011 proton/cm2
At 60 MeV
SEU tolerance
> 127,8 MeV cm3 mg-1
Table 2. Electro-optical Specifications of the STAR1000 Sensor
Parameter
Value
Comment
Typical Value
Unit
Spectral range
400 - 1000
nm
Quantum efficiency x fill
factor
20%
Average over the visual range. See spectral
response curve.
Full well capacity
135.000
e-
Saturation capacity to
meet non-linearity within
+ 5%
99.000
e-
Output signal swing
1.1
V
Conversion gain
11.4
µV/e-
kTC noise
47
e-
Dynamic range
69
dB
Fixed pattern noise
Local: 1
σ < 0.30%
Global: 1
σ <0.56%
of full well
Photo response
non-uniformity at Sat/2
(RMS)
Local: 1
σ < 0.67%
Global:
σ <3.93%
of full well
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com