Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-51KF-R1 Datasheet(PDF) 1 Page - Eravant

Part # SWC-51KF-R1
Description  WR-51 Band Waveguide to 2.92mm Connector Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-51KF-R1 Datasheet(HTML) 1 Page - Eravant

  SWC-51KF-R1 Datasheet HTML 1Page - Eravant SWC-51KF-R1 Datasheet HTML 2Page - Eravant SWC-51KF-R1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-51KF-R1 and SWC-51KM-R1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Final Rev 1.0
WR-51 Band Waveguide to 2.92mm Connector Adapter, Right Angle
Models SWC-51KF-R1 and SWC-51KM-R1 are right angle (90°) WR-51
band waveguide to coax adapters that cover the frequency range of 15 to
22 GHz. They are designed and manufactured for instrumentation grade
quality but offered at a commercial grade price, allowing for an efficient
transition between the rectangular waveguide and 2.92 mm (K) coax
connector. The end launch (180°) versions are offered under model
numbers SWC-51KF-E1 and SWC-51KM-E1.
Electrical Specifications:
*Insertion loss is tested back to back with male and female adapter, the result is divided by 2.
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
15 GHz
22 GHz
Insertion Loss*
0.16 dB
Return Loss
22 dB
Power Handling
10 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide
WR-51 Waveguide with Standard Flange
Coaxial Port
2.92 mm (K) Female for Model Number: SWC-51KF-R1
Coaxial Port
2.92 mm (K) Male for Model Number: SWC-51KM-R1
Material
Aluminum
Finish
Gold Plated
Weight
0.9 Oz
Outline
WC-5R
ECCN
EAR99
FEATURES
•
Full Waveguide Band Coverage
•
Lower Insertion Loss and
VSWR
•
Instrumentation Grade
• DC Open Circuit
APPLICATIONS
•
Test Lab
•
Instrumentations
• Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-51KF-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-51KF-R1-V ERAVANT-SWC-51KF-R1-V Datasheet
265Kb / 3P
WR-51 Band Waveguide to 2.92mm Connector Adapter, Right Angle, Thermal Vacuum Safe
Rev 1.1
More results

Similar Description - SWC-51KF-R1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9828 PASTERNACK-PE9828 Datasheet
269Kb / 2P
WR-51 to SMA Female Waveguide to Coax Adapter 15 GHz to 22 GHz
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
PE9646 PASTERNACK-PE9646 Datasheet
250Kb / 3P
Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
PE-W51SF005-12 PASTERNACK-PE-W51SF005-12_V01 Datasheet
547Kb / 4P
WR-51 Seamless Flexible Waveguide
PE-W51SF005-24 PASTERNACK-PE-W51SF005-24_V01 Datasheet
548Kb / 4P
WR-51 Seamless Flexible Waveguide
PE-W51SF005-36 PASTERNACK-PE-W51SF005-36_V01 Datasheet
549Kb / 4P
WR-51 Seamless Flexible Waveguide
PE-W51TF005-12 PASTERNACK-PE-W51TF005-12_V01 Datasheet
551Kb / 4P
WR-51 Twistable Flexible Waveguide
PE-W51TF005-24 PASTERNACK-PE-W51TF005-24_V01 Datasheet
550Kb / 4P
WR-51 Twistable Flexible Waveguide
PE-W51TF005-36 PASTERNACK-PE-W51TF005-36_V01 Datasheet
552Kb / 4P
WR-51 Twistable Flexible Waveguide
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com