Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7321 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with 4 Push-Pull Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX7321 Datasheet HTML 9Page - Maxim Integrated Products MAX7321 Datasheet HTML 10Page - Maxim Integrated Products MAX7321 Datasheet HTML 11Page - Maxim Integrated Products MAX7321 Datasheet HTML 12Page - Maxim Integrated Products MAX7321 Datasheet HTML 13Page - Maxim Integrated Products MAX7321 Datasheet HTML 14Page - Maxim Integrated Products MAX7321 Datasheet HTML 15Page - Maxim Integrated Products MAX7321 Datasheet HTML 16Page - Maxim Integrated Products MAX7321 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Driving LED Loads
When driving LEDs from one of the four output ports
(O0, O1, O6, or O7), a resistor must be connected in
series with the LED to limit the LED current to no more
than 20mA. Connect the LED cathode to the MAX7321
port, and the LED anode to V+ through the series cur-
rent-limiting resistor, RLED. Set the port output low to
illuminate the LED. Choose the resistor value according
to the following formula:
RLED = (VSUPPLY - VLED - VOL) / ILED
where:
RLED is the resistance of the resistor in series with the
LED (
Ω).
VSUPPLY is the supply voltage used to drive the LED (V).
VLED is the forward voltage of the LED (V).
VOL is the output-low voltage of the MAX7323 when
sinking ILED (V).
ILED is the desired operating current of the LED (A).
For example, to operate a 2.2V red LED at 10mA from a
+5V supply:
RLED = (5 - 2.2 - 0.07) / 0.010 = 270
Ω.
I2C Port Expander with 4 Push-Pull Outputs
and 4 Open-Drain I/Os
______________________________________________________________________________________
13
OUTPUT
V+
V+
PORTS
O0, O1, O6, O7
MAX7323
Figure 9. MAX7323 Push-Pull Output Port Structure
PORTS
P2–P5
PULLUP
ENABLE
INPUT
OUTPUT
40k
Ω
G
S
D
MAX7323
V+
V+
Figure 10. MAX7323 I/O Port Structure
I2C
CONTROL
O7
P4
P5
O6
P3
P2
O1
O0
INT
I/O
PORTS
POWER-
ON RESET
INPUT
FILTER
RST
SDA
SCL
AD2
AD0
MAX7323
Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com