Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7321 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with 4 Push-Pull Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7321 Datasheet HTML 1Page - Maxim Integrated Products MAX7321 Datasheet HTML 2Page - Maxim Integrated Products MAX7321 Datasheet HTML 3Page - Maxim Integrated Products MAX7321 Datasheet HTML 4Page - Maxim Integrated Products MAX7321 Datasheet HTML 5Page - Maxim Integrated Products MAX7321 Datasheet HTML 6Page - Maxim Integrated Products MAX7321 Datasheet HTML 7Page - Maxim Integrated Products MAX7321 Datasheet HTML 8Page - Maxim Integrated Products MAX7321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
I2C Port Expander with 4 Push-Pull Outputs
and 4 Open-Drain I/Os
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
Supply Voltage V+....................................................-0.3V to +6V
SCL, SDA, AD0, AD2, RST, INT, P2–P5 ...................-0.3V to +6V
O0, O1, O6, O7...............................................-0.3 to (V+ + 0.3V)
O0, O1, O6, O7 Output Current........................................±25mA
P2–P5 Sink Current...........................................................±25mA
SDA Sink Current ............................................................... 10mA
INT Sink Current..................................................................10mA
Total V+ Current..................................................................50mA
Total GND Current ...........................................................100mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
16-Pin TQFN (derate 15.6mW/°C above +70°C) .......1250mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(V+ = +1.71V to +5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at V+ = +3.3V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V+
1.71
5.50
V
Power-On Reset Voltage
VPOR
V+ falling
1.6
V
Standby Current
(Interface Idle)
ISTB
SCL and SDA and other digital inputs at V+
0.6
1.5
µA
Supply Current
(Interface Running)
I+
fSCL = 400kHz; other digital inputs at V+
23
55
µA
V+
≤ 1.8V
0.8 x V+
Input High Voltage
SDA, SCL, AD0, AD2,
RST, P2–P5
VIH
V+
≥ 1.8
0.7 x V+
V
V+
≤ 1.8V
0.2 x V+
Input Low Voltage
SDA, SCL, AD0, AD2,
RST, P2–P5
VIL
V+
≥ 1.8V
0.3 x V+
V
Input Leakage Current
SDA, SCL, AD0, AD2,
RST, P2–P5
IIH, IIL
SDA, SCL, AD0, AD2,
RST, P2–P5 at V+ or
GND, internal pullup disabled
-0.2
+0.2
µA
Input Capacitance
SDA, SCL, AD0, AD2,
RST, P2–P5
10
pF
V+ = +1.71V, ISINK = 5mA
105
180
V+ = +2.5V, ISINK = 10mA
131
240
V+ = +3.3V, ISINK = 15mA
154
290
Output Low Voltage
O0, O1, O6, O7, P2–P5
VOL
V+ = +5V, ISINK = 20mA
160
310
mV
V+ = +1.71V, ISOURCE = 2mA
V+ - 250
V+ - 30
V+ = +2.5V, ISOURCE = 5mA
V+ - 360
V+ - 70
V+ = +3.3V, ISOURCE = 5mA
V+ - 260
V+ - 100
Output High Voltage
O0, O1, O6, O7
VOH
V+ = +5V, ISOURCE = 10mA
V+ - 350
V+ - 120
mV
Output Low Voltage
SDA
VOLSDA
ISINK = 6mA
250
mV
Output Low Voltage
INT
VOLINT
ISINK = 5mA
130
250
mV
Port Input Pullup Resistor
RPU
25
40
55
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com