Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74736PT Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC74736PT
Description  CMOS IC On-Screen Display Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74736PT Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC74736PT Datasheet HTML 1Page - Sanyo Semicon Device LC74736PT Datasheet HTML 2Page - Sanyo Semicon Device LC74736PT Datasheet HTML 3Page - Sanyo Semicon Device LC74736PT Datasheet HTML 4Page - Sanyo Semicon Device LC74736PT Datasheet HTML 5Page - Sanyo Semicon Device LC74736PT Datasheet HTML 6Page - Sanyo Semicon Device LC74736PT Datasheet HTML 7Page - Sanyo Semicon Device LC74736PT Datasheet HTML 8Page - Sanyo Semicon Device LC74736PT Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
LC74736PT
No.A0569-2/106
(2) Character structure
QVGA mode: About 9MHz
16 dots (horizontal)
×16 dots (vertical): Character display
16 dots (horizontal)
×16 dots (vertical): Graphic glyph display
WVGA mode: About 33.2MHz
24 dots (horizontal)
×32 dots (vertical): Character display
24 dots (horizontal)
×32 dots (vertical): Graphic glyph display
Character display clock:
LC oscillator (about 10MHz)
External clock signal input (up to 40MHz)
Built-in PLL (VCO) (7 to 40MHz)
(3) Number of characters
QVGA mode
Up to 16384 characters when an external 16-bit 16M ROM is used.
WVGA mode
Up to 4096 characters when an external 16-bit 16M ROM is used.
No internal ROM
Internal character RAM QVGA: 4 characters, WVGA: 1 character
(4) Character sizes: Four horizontal sizes (1
×, 2×, 3×, and 4×)
Four vertical sizes (1
×, 2×, 3×, and 4×)
(The character size is specified in line units.)
(5) Display start positions: 1024 positions in the horizontal direction and 512 positions in the vertical direction.
Setting units: Horizontal: 1 dot (in screen units)
Vertical:
1 dot (in screen units)
(6) Display functions
• Blinking specification (in character units)
Period: 1/64, 1/32, and 1/16 of the vertical sync signal (in screen units)
Duty: Fixed at 50%
• Box (raised or recessed) display
Raised/recessed specification
(in character units)
Left: Off/on specification
(in character units)
Right: Off/on specification
(in character units)
Top: Off/on specification
(in character units)
Bottom: Off/on specification
(in character units)
• Border specification (in line units): Only valid with glyphs from the character font.
(7) Color specification
Character
• Character color (in character units):
1 of 16 colors can be specified.
• Character background color (in character units): 1 of 16 colors can be specified.
• Border color (in line units):
1 of 16 colors can be specified.
Graphic
• 16 types can be specified by ROM data
Graphic 2
• 16 types can be specified by ROM data
1 color type can be changed.
Graphic 3
• 16 types can be specified by ROM data
1 color table type can be changed.
• Box (raised or recessed) color (line units): 1 of 16 colors can be specified.
• Background color (screen units): 1 of 16 colors can be specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com