Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74736PT Datasheet (PDF) - Sanyo Semicon Device

LC74736PT Datasheet PDF - Sanyo Semicon Device
Part # LC74736PT
Download  LC74736PT Download
File Size   410.43 Kbytes
Page   106 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CMOS IC On-Screen Display Controller

LC74736PT Datasheet (PDF)

Go To PDF Page Download Datasheet
LC74736PT Datasheet PDF - Sanyo Semicon Device

Part # LC74736PT
Download  LC74736PT Click to download

File Size   410.43 Kbytes
Page   106 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CMOS IC On-Screen Display Controller

LC74736PT Datasheet (HTML) - Sanyo Semicon Device


LC74736PT Product details

Overview

The LC74736PT is an on-screen display CMOS IC that displays characters and patterns on a TV screen under the control of a microcontroller.

For QVGA display, the LC74736PT supports the use of both a 16 × 16 dot character font and a 16 × 16 dot graphic font with 16 colors.

For WVGA display, the LC74736PT supports the use of both a 24 × 32 dot character font and a 24 × 32 dot graphic font with 16 colors.

The LC74736PT can also implement extremely varied displays by the use of an external ROM.

The LC74736PT supports both QVGA (480×234) and WVGA (800×480).



Features

(1) Screen structure

   Main: 2 screens (1 screen for WVGA display)

      30 characters×15 lines (up to 450 characters) on a QVGA panel

      33 characters×15 lines (up to 495 characters) on a WVGA panel

      (Up to 34 characters×18 lines)

   Wallpaper display screen:

      QVGA mode: maximum Permanent repetition of a 4×4 (horizontal×vertical) character pattern

      WVGA mode: maximum Permanent repetition of a 2×2 (horizontal×vertical) character pattern

(2) Character structure

   QVGA mode: About 9MHz

      16 dots (horizontal) ×16 dots (vertical): Character display

      16 dots (horizontal) ×16 dots (vertical): Graphic glyph display

   WVGA mode: About 33.2MHz

      24 dots (horizontal) ×32 dots (vertical): Character display

      24 dots (horizontal) ×32 dots (vertical): Graphic glyph display

   Character display clock:

      LC oscillator (about 10MHz)

      External clock signal input (up to 40MHz)

      Built-in PLL (VCO) (7 to 40MHz)

(3) Number of characters

   QVGA mode

      Up to 16384 characters when an external 16-bit 16M ROM is used.

   WVGA mode

      Up to 4096 characters when an external 16-bit 16M ROM is used.

         No internal ROM

         Internal character RAM QVGA: 4 characters, WVGA: 1 character

(4) Character sizes: Four horizontal sizes (1×, 2×, 3×, and 4×)

                         Four vertical sizes (1×, 2×, 3×, and 4×)

                         (The character size is specified in line units.)

(5) Display start positions: 1024 positions in the horizontal direction and 512 positions in the vertical direction.

   Setting units: Horizontal: 1 dot (in screen units)

                     Vertical: 1 dot (in screen units)

(6) Display functions

   • Blinking specification (in character units)

      Period: 1/64, 1/32, and 1/16 of the vertical sync signal (in screen units)

      Duty: Fixed at 50%

   • Box (raised or recessed) display

      Raised/recessed specification (in character units)

      Left: Off/on specification (in character units)

      Right: Off/on specification (in character units)

      Top: Off/on specification (in character units)

      Bottom: Off/on specification (in character units)

   • Border specification (in line units): Only valid with glyphs from the character font.

(7) Color specification

   Character

      • Character color (in character units): 1 of 16 colors can be specified.

      • Character background color (in character units): 1 of 16 colors can be specified.

      • Border color (in line units): 1 of 16 colors can be specified.

   Graphic

      • 16 types can be specified by ROM data

   Graphic 2

      • 16 types can be specified by ROM data

        1 color type can be changed.

   Graphic 3

      • 16 types can be specified by ROM data

        1 color table type can be changed.

      • Box (raised or recessed) color (line units): 1 of 16 colors can be specified.

      • Background color (screen units): 1 of 16 colors can be specified.

(8) Color table (palette)

   • Sixteen colors can be selected from a set of 4096 colors (One of which is specified to be transparent.)

   • Number of color tables: 4. This allows up to 64 colors to be displayed at the same time.

(9) Wallpaper screen (Graphics glyphs only)

   Wallpaper display: Repeated display under the main screen

      (up to 4 characters horizontally by 4 characters vertically).

   Sprite character display: Displayed above the main screen

      (up to 4 characters horizontally by 4 characters vertically).

(10) Line spacing control

   0-15 scan lines (in line units)

(11) Output

   Analog RGB output( to 20MHz)

   Digital RGB output (4 bits per color)

   BLK (OSD display period signal)



 




Similar Part No. - LC74736PT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74736PT SANYO-LC74736PT Datasheet
416Kb / 106P
On-Screen Display Controller
logo
ON Semiconductor
LC74736PT ONSEMI-LC74736PT Datasheet
420Kb / 106P
On-Screen Display Controller
July, 2013
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
On-Screen Display Controller
July, 2013
logo
Sanyo Semicon Device
LC74736PT SANYO-LC74736PT_11 Datasheet
416Kb / 106P
On-Screen Display Controller
More results


Similar Description - LC74736PT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74760 SANYO-LC74760 Datasheet
178Kb / 14P
On-Screen Display IC
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
On-Screen Display Controller IC
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
On-Screen Display Controller IC
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
On-Screen Display Controller IC
LC74799 SANYO-LC74799 Datasheet
271Kb / 32P
On-Screen Display Controller IC
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
On Screen Display IC
logo
fujitsu semiconductor
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
On-screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
On-Screen Display Controller
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com