Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74799 Datasheet (PDF) - Sanyo Semicon Device

LC74799 Datasheet PDF - Sanyo Semicon Device
Part # LC74799
Download  LC74799 Download
File Size   271.49 Kbytes
Page   32 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display Controller IC

LC74799 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC74799 Datasheet PDF - Sanyo Semicon Device

Part # LC74799
Download  LC74799 Click to download

File Size   271.49 Kbytes
Page   32 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display Controller IC

LC74799 Datasheet (HTML) - Sanyo Semicon Device


LC74799 Product details

Overview
The LC74799 and LC74799M are on-screen display controller CMOS ICs that display characters and patterns on the TV screen under microprocessor control. These ICs include a built-in PDC/VPS/UDT interface circuit.

Features
• Display format: 24 characters by 12 rows (Up to 288 characters)
• Character format: 12 (horizontal) × 18 (vertical) dots
• Character sizes: Three sizes each in the horizontal and vertical directions
• Characters in font: 128
• Initial display positions: 64 horizontal positions and 64 vertical positions
• Blinking: Specifiable in character units
• Blinking types: Two periods supported: 1.0 second and 0.5 second
• Blanking: Over the whole font (12 × 18 dots)
• Background color
   — 8 colors (internal synchronization mode): 4fSC
   — 6 colors (internal synchronization mode): 2fSC
   — Blue background only: NTSC
• Line background color
   — Three lines can be set up.
   — 8 line background colors (in internal synchronization mode): 4fSC
   — 6 line background colors (in internal synchronization mode): 2fSC
• External control input: 8-bit serial input format
• On-chip sync separator and AFC circuits
• On-chip PDC/VPS/UDT interface circuit (Supports the I2C bus standard)
• Video outputs: PAL and NTSC format composite video outputs
• Package: DIP30SD (400 mil)
                  MFP30S (375 mil)




Similar Part No. - LC74799

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
VPS / PDC Slicer IC
LC74792JM SANYO-LC74792JM Datasheet
198Kb / 25P
VPS / PDC Slicer IC
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
VPS / PDC Slicer IC
LC74793JM SANYO-LC74793JM Datasheet
154Kb / 24P
VPS / PDC Slicer IC
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
On-Screen Display Controller LSI
More results


Similar Description - LC74799

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74760 SANYO-LC74760 Datasheet
178Kb / 14P
On-Screen Display IC
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
On-Screen Display Controller IC
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
On-Screen Display Controller IC
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
On-Screen Display Controller IC
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
On Screen Display IC
logo
fujitsu semiconductor
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
On-screen Display Controller
logo
Sanyo Semicon Device
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
CMOS IC On-Screen Display Controller
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
On-Screen Display Controller
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com