Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74760 Datasheet (PDF) - Sanyo Semicon Device

LC74760 Datasheet PDF - Sanyo Semicon Device
Part # LC74760
Download  LC74760 Download
File Size   178.49 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display IC

LC74760 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC74760 Datasheet PDF - Sanyo Semicon Device

Part # LC74760
Download  LC74760 Click to download

File Size   178.49 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display IC

LC74760 Datasheet (HTML) - Sanyo Semicon Device


LC74760 Product details

Overview
The LC74760 and LC74760M are on-screen display CMOS ICs that superimpose text and low-level graphics onto a TV screen (video signal) under microprocessor control. The display characters have a 12 by 18 dot structure, and 128 characters are provided. The display area consists of 12 lines of 24 characters each.

Features
• Display structure: 12 lines by 24 characters (up to 288 characters)
• Number of displayed characters: Up to 288 characters
• Character configuration: 12 (W) by 18 (H) dot structure
• Character sizes: Three sizes (normal, double, and triple sizes)
• Display starting positions: 64 horizontal and 64 vertical locations
• Reverse video function: Characters can be inverted on a per character basis.
• Flashing types: Two types with periods of 0.5 and 1.0 second on a per character basis (duty fixed at 50%)
• Background color: One of eight colors (when internal synchronization used)
• External control input: Serial data input in 8-bit units
• Built-in horizontal/vertical sync separation circuit, AFC circuit, and synchronization detector
• Video output: Composite video signal output in NTSC, PAL, PAL-M, PAL-N, PAL60, NTSC4.43, or SECAM format




Similar Part No. - LC74760

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
On-Screen Display LSI
LC74761 SANYO-LC74761 Datasheet
328Kb / 21P
On-Screen Display LSI
LC74761M SANYO-LC74761M Datasheet
243Kb / 20P
On-Screen Display LSI
LC74761M SANYO-LC74761M Datasheet
328Kb / 21P
On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
On-Screen Display LSI
More results


Similar Description - LC74760

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
VIDEO ON-SCREEN DISPLAY
NJM2252 NJRC-NJM2252 Datasheet
357Kb / 10P
ON SCREEN DISPLAY MIX IC
logo
Sanyo Semicon Device
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
On-Screen Display Controller IC
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
On-Screen Display Controller IC
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
On-Screen Display Controller IC
LC74799 SANYO-LC74799 Datasheet
271Kb / 32P
On-Screen Display Controller IC
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
On Screen Display IC
logo
Sanyo Semicon Device
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
CMOS IC On-Screen Display Controller
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com