Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74776 Datasheet (PDF) - Sanyo Semicon Device

LC74776 Datasheet PDF - Sanyo Semicon Device
Part # LC74776
Download  LC74776 Download
File Size   253.46 Kbytes
Page   35 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display Controller IC

LC74776 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC74776 Datasheet PDF - Sanyo Semicon Device

Part # LC74776
Download  LC74776 Click to download

File Size   253.46 Kbytes
Page   35 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display Controller IC

LC74776 Datasheet (HTML) - Sanyo Semicon Device


LC74776 Product details

Overview
The LC74776/M is an on-screen display controller CMOS IC that displays characters and patterns on the TV screen under microprocessor control. This IC includes a built-in PDC/VPS/UDT interface circuit.

Functions
• Display format: 24 characters by 12 rows (Up to 288
   characters)
• Character format: 12 (horizontal) × 18 (vertical) dots
• Character sizes: Three sizes each in the horizontal and
   vertical directions
• Characters in font: 256 (Of the 256 characters, one is a
   space character (FE hexadecimal)
   and one is a transparent space
   character (FF hexadecimal))
• Initial display positions: 64 horizontal positions and 64
   vertical positions
• Blinking: Specifiable in character units
• Blinking types: Two periods supported:
   1.0 second and 0.5 second
• Blanking: Over the whole font (12 × 18 dots)
• Background color: 8 colors (internal synchronization
   mode): 4fSC and 2fSC
   Blue background only: NTSC
• Line background color: Three lines can be set up.
   8 line background colors (in
   internal synchronization mode):
   4fSC and 2fSC
• External control input: 8-bit serial input format
• On-chip sync separator circuit
• Video outputs: PAL and NTSC format composite video
   outputs
• On-chip PDC/VPS/UDT interface circuit supporting I2C
• Package: DIP30SD
                   MFP30S




Similar Part No. - LC74776

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74770 SANYO-LC74770 Datasheet
125Kb / 11P
On-Screen Display Controller LSI
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
On-Screen Display Controller LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
193Kb / 17P
Camcorder On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
On-Screen Display LSI
July, 2013
More results


Similar Description - LC74776

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74760 SANYO-LC74760 Datasheet
178Kb / 14P
On-Screen Display IC
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
On-Screen Display Controller IC
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
On-Screen Display Controller IC
LC74799 SANYO-LC74799 Datasheet
271Kb / 32P
On-Screen Display Controller IC
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
On Screen Display IC
logo
fujitsu semiconductor
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
On-screen Display Controller
logo
Sanyo Semicon Device
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
CMOS IC On-Screen Display Controller
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
On-Screen Display Controller
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com