Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74770 Datasheet (PDF) - Sanyo Semicon Device

LC74770 Datasheet PDF - Sanyo Semicon Device
Part # LC74770
Download  LC74770 Download
File Size   125.27 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display Controller LSI

LC74770 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC74770 Datasheet PDF - Sanyo Semicon Device

Part # LC74770
Download  LC74770 Click to download

File Size   125.27 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description On-Screen Display Controller LSI

LC74770 Datasheet (HTML) - Sanyo Semicon Device


LC74770 Product details

Overview
The LC74770M is a CMOS LSI that implements on-screen display, a function that displays characters and patterns on display screens such as camcorder viewfinder screens under microprocessor control. This LSI displays 12-dot by 18-dot characters.

Features
• Display format: 24 characters by 12 rows (up to 288 characters)
• Characters displayed: Up to 288 characters
• Character format: 12 (horizontal) × 18 (vertical)
• Characters in font: 128
• Character sizes: Normal and double
• Initial display positions: 64 horizontal positions and 64 vertical positions
• Reverse video function: Characters can be displayed in reverse video specified in units of individual characters.
• Blinking types: In character units in one of two periods, 1.0 second and 0.5 second, with a 50% duty.
• Outputs: Character and blanking data, with two output systems for each
• External control input: 8-bit serial input format
• General-purpose output port: 4 bits (controlled from the serial input data)




Similar Part No. - LC74770

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
193Kb / 17P
Camcorder On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V_99 Datasheet
193Kb / 17P
Camcorder On-Screen Display LSI
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
On-Screen Display Controller IC
More results


Similar Description - LC74770

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
On-Screen Display Controller LSI
LC74730M SANYO-LC74730M Datasheet
145Kb / 14P
On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
On-Screen Display LSI
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
On-Screen Display LSI?
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
On-Screen Display Controller LSI
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
On-Screen Display Controller LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
On-Screen Display Controller LSI?
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
On-Screen Display LSI
July, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com