Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX08DACP Datasheet(PDF) 6 Page - Texas Instruments

Part # TX08DACP
Description  TX08D 8-Channel Ultrasound Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TX08DACP Datasheet(HTML) 6 Page - Texas Instruments

  TX08DACP Datasheet HTML 1Page - Texas Instruments TX08DACP Datasheet HTML 2Page - Texas Instruments TX08DACP Datasheet HTML 3Page - Texas Instruments TX08DACP Datasheet HTML 4Page - Texas Instruments TX08DACP Datasheet HTML 5Page - Texas Instruments TX08DACP Datasheet HTML 6Page - Texas Instruments TX08DACP Datasheet HTML 7Page - Texas Instruments TX08DACP Datasheet HTML 8Page - Texas Instruments TX08DACP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.8) TYP
(0.8) TYP
196X ( 0.4)
FCBGA - 1.321 mm max height
ACP0196A
BALL GRID ARRAY
4226793/B 07/2021
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE: 8X
SYMM
SYMM
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
B
C
D
E
F
G
H
J
K
L
M
N
P
TX08D
SBASAW7A – OCTOBER 2023 – REVISED JANUARY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TX08D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com