Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX08DACP Datasheet(PDF) 1 Page - Texas Instruments

Part # TX08DACP
Description  TX08D 8-Channel Ultrasound Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TX08DACP Datasheet(HTML) 1 Page - Texas Instruments

  TX08DACP Datasheet HTML 1Page - Texas Instruments TX08DACP Datasheet HTML 2Page - Texas Instruments TX08DACP Datasheet HTML 3Page - Texas Instruments TX08DACP Datasheet HTML 4Page - Texas Instruments TX08DACP Datasheet HTML 5Page - Texas Instruments TX08DACP Datasheet HTML 6Page - Texas Instruments TX08DACP Datasheet HTML 7Page - Texas Instruments TX08DACP Datasheet HTML 8Page - Texas Instruments TX08DACP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TX08D 8-Channel Ultrasound Transmitter
1 Features
• 8-Channel transmitter, each channel includes:
– 5-level pulser with on-chip beamforming
– Active T/R switch
– Integrated floating supplies
• 5-Level Pulser supports:
– Maximum output voltage: ±100V
– Minimum output voltage: ±1V
– Maximum output current: 2A
– Support 4A output current mode
– True return to zero to discharge to ground
– Second harmonic of –45dBc at 5MHz
– –3dB Bandwidth with 220Ω || 240pF load
• –20MHz for a ±100V supply
• 35MHz for a ±100V supply in 4A
– Integrated jitter: 100fs from 100Hz to 20kHz
– CW mode close-in phase noise: –154dBc/Hz at
1kHz offset for 5MHz signal
• Active T/R switch with:
– Turn ON resistance: 8Ω
– Turn ON and OFF time: 300ns
– Channel based T/R switch on and off controls
• On-chip beamformer for pulser with:
– Channel based T/R switch on and off controls
– Delay resolution: Half beamformer clock period,
minimum 1.56ns
– Maximum delay: 214 beamformer clock period
– Per channel 960 × 32 bits memory to store
waveform and delay values.
• High-speed (400MHz maximum), 2-lane LVDS
serial programming interface
– Very low programming time: < 500ns for delay
profile update
– 32-bit Checksum feature to detect wrong SPI
writes
• Internal temperature sensor and automatic thermal
shutdown
• No specific power sequencing requirement
• Error flag register to detect multiple faulty condition
• Integrated passives for the floating supplies and
bias voltages
• Small package: FCCSP-196 (12mm × 12mm) with
0.8mm pitch
2 Applications
• Ultrasound pulser imaging system
• Piezoelectric driver
3 Description
The TX08D is a transmitter solution for ultrasound
imaging systems. The device supports eight channels
with each channel consisting of pulser transmit/
receive (T/R) switches.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TX08D
ACP (FCCSP, 196)
12mm × 12mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TX08D
SBASAW7A – OCTOBER 2023 – REVISED JANUARY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TX08DACP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TX08DACP TI2-TX08DACP Datasheet
520Kb / 9P
TX08D 8-Channel Ultrasound Transmitter
REVISED JANUARY 2024
TX08DACP.B TI2-TX08DACP.B Datasheet
520Kb / 9P
TX08D 8-Channel Ultrasound Transmitter
REVISED JANUARY 2024
More results

Similar Description - TX08DACP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
logo
Maxim Integrated Produc...
MAX2077 MAXIM-MAX2077 Datasheet
1Mb / 19P
Octal-Channel Ultrasound Front-End
Rev 0; 7/09
logo
Texas Instruments
TX810 TI-TX810 Datasheet
2Mb / 17P
8-Channel, Programmable T/R Switch for Ultrasound
TX810 TI-TX810_1 Datasheet
2Mb / 19P
8-Channel, Programmable T/R Switch for Ultrasound
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
Fully Integrated, 8-Channel Ultrasound Analog Front End
TX517 TI1-TX517 Datasheet
384Kb / 19P
Dual Channel, High-Voltage ??Multi-Level Output Fully Integrated Ultrasound Transmitter
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
Fully Integrated, 8-Channel Ultrasound Analog Front End
TX810 TI1-TX810_14 Datasheet
3Mb / 20P
8-Channel, Programmable T/R Switch for Ultrasound
AFE5816 TI1-AFE5816 Datasheet
2Mb / 162P
16-Channel Ultrasound AFE
logo
Microchip Technology
HV7350 MICROCHIP-HV7350 Datasheet
567Kb / 16P
8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com