Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM5231 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # RM5231
Description  RM5231??Microprocessor with 32-Bit System Bus Data Sheet Released
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

RM5231 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button RM5231 Datasheet HTML 17Page - PMC-Sierra, Inc RM5231 Datasheet HTML 18Page - PMC-Sierra, Inc RM5231 Datasheet HTML 19Page - PMC-Sierra, Inc RM5231 Datasheet HTML 20Page - PMC-Sierra, Inc RM5231 Datasheet HTML 21Page - PMC-Sierra, Inc RM5231 Datasheet HTML 22Page - PMC-Sierra, Inc RM5231 Datasheet HTML 23Page - PMC-Sierra, Inc RM5231 Datasheet HTML 24Page - PMC-Sierra, Inc RM5231 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Proprietary and Confidential to PMC-Sierra, Inc and for its Customer’s Internal Use
21
Document ID: PMC-2002165, Issue 1
RM5231™ Microprocessor with 32-bit System Bus Data Sheet
Released
significantly increases performance by decoupling the SysAD bus transfers from the instruction
execution stream.
3.21 System Interface
The system interface consists of a 32-bit Address/Data bus with 4 parity check bits and a 9-bit
command bus. In addition, there are 6 handshake signals and 6 interrupt inputs. The interface is
capable of transferring data between the processor and memory at a peak rate of 400 MB/sec with
a 100 MHz SysClock.
Figure 6 shows a typical embedded system using the RM5231. In this example, a bank of DRAMs
and a memory controller ASIC share the processor’s SysAD bus while the memory controller
provides separate ports to a boot ROM and an I/O system.
Figure 6 Typical Embedded System Block Diagram
3.22 System Address/Data Bus
The 32-bit System Address Data (SysAD) bus is used to transfer addresses and data between the
RM5231 and the rest of the system. It is protected with a 4-bit parity check bus (SysADC).
The system interface is configurable to allow easy interfacing to memory and I/O systems of
varying frequencies. The Block Write data rate, Non-Block Write protocol, and Output Drive
Strength are programmable at Boot time via the Mode Control bits. The rate at which the
processor receives data is fully controlled by the external device.
3.23 System Command Bus
The RM5231 interface has a 9-bit System Command (SysCmd) bus. The command bus indicates
whether the SysAD bus carries address or data information on a per-clock basis. If the SysAD
carries address, then the SysCmd bus also indicates what type of transaction is to take place (for
example, a read or write). If the SysAD carries data, then the SysCmd bus also gives information
about the data (for example, this is the last data word transmitted, or the data contains an error).
The SysCmd bus is bidirectional to support both processor requests and external requests to the
RM5231. Processor requests are initiated by the RM5231 and responded to by an external device.
External requests are issued by an external device and require the RM5231 to respond.
RM5231
Memory I/O
Controller
Flash/
Control
x
x
36
Boot
PCI Bus
Rom
36
8
23
Latch
DRAM
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com