Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM5231 Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # RM5231
Description  RM5231??Microprocessor with 32-Bit System Bus Data Sheet Released
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

RM5231 Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button RM5231 Datasheet HTML 9Page - PMC-Sierra, Inc RM5231 Datasheet HTML 10Page - PMC-Sierra, Inc RM5231 Datasheet HTML 11Page - PMC-Sierra, Inc RM5231 Datasheet HTML 12Page - PMC-Sierra, Inc RM5231 Datasheet HTML 13Page - PMC-Sierra, Inc RM5231 Datasheet HTML 14Page - PMC-Sierra, Inc RM5231 Datasheet HTML 15Page - PMC-Sierra, Inc RM5231 Datasheet HTML 16Page - PMC-Sierra, Inc RM5231 Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Proprietary and Confidential to PMC-Sierra, Inc and for its Customer’s Internal Use
13
Document ID: PMC-2002165, Issue 1
RM5231™ Microprocessor with 32-bit System Bus Data Sheet
Released
Table 1 Integer Multiply/Divide Operations
The baseline MIPS IV ISA specifies that the results of a multiply or divide operation be placed in
the Hi and Lo registers. These values can then be transferred to the general purpose register file
using the Move-from-Hi and Move-from-Lo (MFHI/MFLO) instructions.
In addition to the baseline MIPS IV integer multiply instructions, the RM5231 also implements the
3 operand multiply instruction, MUL. This instruction specifies that the multiply result go directly
to the integer register file rather than the Lo register. The portion of the multiply that would have
normally gone into the Hi register is discarded. For applications where it is known that the upper
half of the multiply result is not required, using the MUL instruction eliminates the necessity of
executing an explicit MFLO instruction.
Also included in the RM5231 are the multiply-add instructions, MADU/MAD. This instruction
multiplies two operands and adds the resulting product to the current contents of the Hi and Lo
registers. The multiply-accumulate operation is the core primitive of almost all signal processing
algorithms allowing the RM5231 to eliminate the need for a separate DSP engine in many
embedded applications.
3.8
Floating-Point Co-Processor
The RM5231 incorporates a high-performance fully pipelined floating-point co-processor which
includes a floating-point register file and autonomous execution units for multiply/add/convert and
divide/square root. The floating-point coprocessor is a tightly coupled execution unit, decoding
and executing instructions in parallel with, and in the case of floating-point loads and stores, in
cooperation with the integer unit. The superscalar capabilities of the RM5231 allow floating-point
computation instructions to issue concurrently with integer instructions.
3.9
Floating-Point Unit
The RM5231 floating-point execution unit supports single and double precision arithmetic, as
specified in the IEEE Standard 754. The execution unit is broken into a separate divide/square root
unit and a pipelined multiply/add unit. Overlap of the divide/square root and multiply/add
operations is supported.
The RM5231 maintains fully precise floating-point exceptions while allowing both overlapped
and pipelined operations. Precise exceptions are extremely important in object-oriented
programming environments and highly desirable for debugging in any environment.
Opcode
Operand
Size
Latency
Repeat
Rate
Stall
Cycles
MULT/U,
MAD/U
16 bit
3
2
0
32 bit
4
3
0
MUL
16 bit
3
2
1
32 bit
4
3
2
DMULT,
DMULTU
any
7
6
0
DIV, DIVD
any
36
36
0
DDIV,
DDIVU
any
68
68
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com