Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEX80809DA Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # NEX80809DA
Description  Wide Vcc range multi-mode flyback controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX80809DA Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button NEX80809DA Datasheet HTML 9Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 10Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 11Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 12Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 13Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 14Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 15Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 16Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Nexperia
NEX8080 series
Wide Vcc range multi-mode flyback controller
ZCD
Auxiliary
winding
aaa-040379
DRV
tZCD_SAMPLE
Sample at here
Valley moment
(VO + Vf) × NAUX/NSEC
(VO + Vf) × NAUX/NSEC × RZB/(RZT + RZB)
Fig. 17. ZCD voltage detection and valley detection
The output voltage OVP and UVP/SCP protection are implemented by comparing the sampled ZCD voltage with different
threshold voltages.
The output voltage OVP protection is triggered if the sampled ZCD voltage is higher than OVP threshold for seven
consecutive cycles.
The output voltage short-circuit protection (SCP) is triggered if the sampled ZCD voltage is lower than SCP threshold
VZCD_SCP (typically 0.3 V) for seven consecutive cycles.
Since the output voltage need time to setup, the UVP/SCP protection is disabled for a tBLK_UVP blanking time during soft
start.
Due to the leakage inductance of the transformer, there is large ringing waveform at ZCD pin at the beginning of the flyback
period. To avoid sampling at this ringing moment, a blanking time is added after the going-low of DRV signal. ZCD sampling
is not allowed until this blanking window expires.
9.3.10. Valley switching
During QR/DCM/PFM mode, once the magnetizing current decreases to zero, the primary inductor begins oscillating with
the parasitic capacitor of the primary MOS. It is ideal to turn on the primary MOS at the valley moment of oscillation to
minimize the switching loss. As shown in Fig. 17, when the auxiliary winding voltage becomes negative, ZCD pin is clamped
at ~0 V internally, and the current flowing out of ZCD pin is detected. Once the current is larger than IZCD_VALLEY (~9 μA),
that moment is identified as a valley moment. Several valley moments may be identified before CLK signal arrives. The
valley moment just behind CLK is chosen as the moment to turn on the primary MOS.
9.3.11. Oscillator frequency
The NEX8080x is specially designed for wide output voltage range applications. To optimize the efficiency of each output
voltage condition, the maximum switching frequency is adjusted according to the target output voltage, as derived by ZCD
detection. Different frequency-vs-FB curves are used for different output voltage conditions.
As FB voltage decreases, the clamp frequency CLK will decrease until it arrives the minimum limit FMIN (typically 25 kHz, to
avoid audible noise), thus a relatively high efficiency is achieved in the whole load range.
NEX8080_series
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 30 September 2024
13 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com