Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEX80809DA Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # NEX80809DA
Description  Wide Vcc range multi-mode flyback controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX80809DA Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  NEX80809DA Datasheet HTML 1Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 2Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 3Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 4Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 5Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 6Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 7Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 8Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Nexperia
NEX8080 series
Wide Vcc range multi-mode flyback controller
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
NEX80801DA
-40 °C to +125 °C
TSOT23-6FC Plastic, surface-mounted package; 6 leads
SOT8061-1
NEX80805DA
-40 °C to +125 °C
TSOT23-6FC Plastic, surface-mounted package; 6 leads
SOT8061-1
NEX80808DA
-40 °C to +125 °C
TSOT23-6FC Plastic, surface-mounted package; 6 leads
SOT8061-1
NEX80809DA
-40 °C to +125 °C
TSOT23-6FC Plastic, surface-mounted package; 6 leads
SOT8061-1
5. Marking
Table 2. Marking code
Type number
Marking code
NEX80801DA
NTE
NEX80805DA
NTF
NEX80808DA
NTH
NEX80809DA
NTJ
6. Device comparison
Table 3. Device comparison
Type number
FSW_MAX (kHz)
Peak load mode
Iout limited by
Optimized application
NEX80801DA
65
No
OPP
65 W PD
NEX80805DA
65
Yes
OCP
65 W PD
NEX80808DA
65
No
OPP
33 W PD
NEX80809DA
85
No
OPP
33 W PD
7. Pinning information
7.1. Pinning
DA package
SOT8061-1 (TSOT23-6)
1
2
3
6
5
4
GND
FB
ZCD
DRV
VCC
CS
aaa-040370
NEX8080_series
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 30 September 2024
2 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com