Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN1R2-80ASE Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PSMN1R2-80ASE
Description  N-channel, 80 V, 1.18 mOhm, MOSFET with enhanced SOA in CCPAK1212 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN1R2-80ASE Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PSMN1R2-80ASE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Nexperia
PSMN1R2-80ASE
N-channel, 80 V, 1.18 mOhm, MOSFET with enhanced SOA in CCPAK1212 package
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
trr
reverse recovery time
-
62
-
ns
Qr
recovered charge
IS = 25 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 40 V; Tj = 25 °C; Fig. 17
-
76.5
-
nC
aaa-040965
0
1
2
3
4
0
80
160
240
320
400
VDS (V)
ID
ID
(A)
(A)
4 V
4 V
5 V
5 V VGS = 5.5 V
VGS = 5.5 V 6 V
6 V
6.5 V
6.5 V
7 V
7 V
8 V
8 V
10 V
10 V
Tj = 25 °C
Fig. 8. Output characteristics; drain current as a
function of drain-source voltage; typical values
aaa-040966
0
4
8
12
16
20
0
1
2
3
4
5
6
VGS (V)
RDSon
RDSon
(mΩ)
(mΩ)
Tj = 25 °C; ID = A
Fig. 9. Drain-source on-state resistance as a function
of gate-source voltage; typical values
aaa-040967
0
1
2
3
4
5
6
7
8
0
80
160
240
320
400
VGS (V)
ID
ID
(A)
(A)
Tj = 25°C
Tj = 25°C
175°C
175°C
VDS = 8 V
Fig. 10. Transfer characteristics; drain current as a
function of gate-source voltage; typical values
aaa-040968
0
80
160
240
320
400
0
2
4
6
8
10
ID (A)
RDSon
RDSon
(mΩ)
(mΩ)
6 V
6 V
6.5 V
6.5 V
7 V
7 V
8 V
8 V
VGS = 10 V
VGS = 10 V
Tj = 25 °C
Fig. 11. Drain-source on-state resistance as a function
of drain current; typical values
PSMN1R2-80ASE
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
29 October 2024
7 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com