Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN1R2-80ASE Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PSMN1R2-80ASE
Description  N-channel, 80 V, 1.18 mOhm, MOSFET with enhanced SOA in CCPAK1212 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN1R2-80ASE Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PSMN1R2-80ASE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN1R2-80ASE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nexperia
PSMN1R2-80ASE
N-channel, 80 V, 1.18 mOhm, MOSFET with enhanced SOA in CCPAK1212 package
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
2
S
source
3
S
source
4
S
source
5
S
source
6
S
source
7
D
drain
8
D
drain
9
D
drain
10
D
drain
11
D
drain
12
D
drain
mb
D
mounting base; connected
to drain
2 3 4 5
11 10 9 8
1
6
7
12
CCPAK1212 (SOT8000A)
S
D
G
mbb076
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PSMN1R2-80ASE
CCPAK1212
Plastic, surface mounted copper clip package
(CCPAK1212); 13 terminals; 2.0 mm pitch, 12 mm x 12
mm x 2.5 mm body
SOT8000A
7. Marking
Table 4. Marking codes
Type number
Marking code
PSMN1R2-80ASE
XP1E2S80A
PSMN1R2-80ASE
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
29 October 2024
2 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com