Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1412 Datasheet(PDF) 21 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 21 Page - Microchip Technology

Back Button EMC1412 Datasheet HTML 17Page - Microchip Technology EMC1412 Datasheet HTML 18Page - Microchip Technology EMC1412 Datasheet HTML 19Page - Microchip Technology EMC1412 Datasheet HTML 20Page - Microchip Technology EMC1412 Datasheet HTML 21Page - Microchip Technology EMC1412 Datasheet HTML 22Page - Microchip Technology EMC1412 Datasheet HTML 23Page - Microchip Technology EMC1412 Datasheet HTML 24Page - Microchip Technology EMC1412 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
 2014-2022 Microchip Technology Inc. and its subsidiaries
DS20005273B-page 21
EMC1412
6.3
Status Register
The Status Register reports the operating status of the
Internal Diode and External Diode channels. When any
of the bits are set (excluding the BUSY bit) either the
ALERT or THERM pin is being asserted.
The ALERT and THERM pins are controlled by the
respective
consecutive
alert
counters
(see
Section 6.11 “Consecutive ALERT Register”) and
will not be asserted until the programmed consecutive
alert count has been reached. The status bits (except
E1THERM and ITHERM) will remain set until read
unless the ALERT pin is configured as a second
THERM output (see Section 4.3.2 “ALERT Pin Com-
parator Mode””).
Name
Bits
Address
Type
Default
Status
8
02h
RC
00h
REGISTER 6-1:
STATUS REGISTER (ADDRESS 02H)
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
BUSY
IHIGH
ILOW
EHIGH
ELOW
FAULT
ETHERM
ITHERM
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
RC = Read-then-clear bit
bit 7
BUSY: This bit indicates that the ADC is currently converting. This bit does not cause either the ALERT
or THERM pins to be asserted.
bit 6
IHIGH: This bit is set when the Internal Diode channel exceeds its programmed high limit. When set,
this bit will assert the ALERT pin.
bit 5
ILOW: This bit is set when the Internal Diode channel drops below its programmed low limit. When
set, this bit will assert the ALERT pin.
bit 4
EHIGH: This bit is set when the External Diode channel exceeds its programmed high limit. When set,
this bit will assert the ALERT pin.
bit 3
ELOW: This bit is set when the External Diode channel drops below its programmed low limit. When
set, this bit will assert the ALERT pin.
bit 2
FAULT: This bit is asserted when a diode fault is detected. When set, this bit will assert the ALERT pin.
bit 1
ETHERM: This bit is set when the External Diode channel exceeds the programmed Therm Limit.
When set, this bit will assert the THERM pin. This bit will remain set until the THERM pin is released
at which point it will be automatically cleared.
bit 0
ITHERM: This bit is set when the Internal Diode channel exceeds the programmed Therm Limit. When
set, this bit will assert the THERM pin. This bit will remain set until the THERM pin is released at which
point it will be automatically cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com