Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXV80AQS-F200-R4-V19 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # PXV80AQS-F200-R4-V19
Description  Optical reader - safePXV/PUS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PXV80AQS-F200-R4-V19 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  PXV80AQS-F200-R4-V19 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PXV80AQS-F200-R4-V19 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PXV80AQS-F200-R4-V19 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PXV80AQS-F200-R4-V19 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optical reader - safePXV/PUS
PXV80AQS-F200-R4-V19
< RS-485 interface
< Noncontact positioning on Data Matrix tape PXV...-AA...
< Mechanically rugged: no wearing parts, long operating life,
maintenance-free
< High resolution and precise positioning, especially for facilities
with curves and switch points as well as inclines and declines.
< Traverse distance up to 100 km
< Output of code quality
< Pollution detection
Read head for use with the safe evaluation unit PUS-* (series)
Dimensions
7
1
2
3
4 5
6
8
38.5
70
14.5
1
2
Technical Data
General specifications
Passage speed
v
≤ 10 m/s
Measuring range
max. 100000 m
Light type
Integrated LED lightning (red/blue)
Latency
20 ms ±0.6
Close time
70 µs (During this time a change of the color specification is delayed)
Read distance
80 mm
Depth of focus
± 25 mm
Field of view
100 mm x 65 mm
Ambient light limit
30000 Lux
Resolution
Non safety-related X
± 1 mm
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - PXV80AQS-F200-R4-V19

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PXV100-F200-B17-V1D PF-PXV100-F200-B17-V1D Datasheet
1Mb / 6P
Optical reading head
PXV100-F200-B17-V1D-3636 PF-PXV100-F200-B17-V1D-3636 Datasheet
1Mb / 6P
Optical reading head
PXV100-F200-B25-V1D PF-PXV100-F200-B25-V1D Datasheet
1Mb / 6P
Optical reading head
PXV100-F200-R4-V19 PF-PXV100-F200-R4-V19 Datasheet
384Kb / 3P
Optical reading head
PXV100-F200-R4-V19-EX PF-PXV100-F200-R4-V19-EX Datasheet
1Mb / 4P
Optical reading head
More results

Similar Description - PXV80AQS-F200-R4-V19

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCS-A998 HP-HBCS-A998 Datasheet
197Kb / 3P
Bar Code Reader Tips and Optical Nest Assembly
logo
Toshiba Semiconductor
TCD1209DG TOSHIBA-TCD1209DG Datasheet
177Kb / 2P
2048-elements, for optical character reader(OCR) and fax machines
logo
Festo Corporation.
2930233 FESTO-2930233 Datasheet
84Kb / 2P
Code Reader
2930239 FESTO-2930239 Datasheet
83Kb / 2P
Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
Code Reader
logo
Pepperl+Fuchs Inc.
PXV100A-F200-B28-V1D PF-PXV100A-F200-B28-V1D Datasheet
1Mb / 6P
Optical reader - safePXV
PXV100AQ-F200-B28-V1D PF-PXV100AQ-F200-B28-V1D Datasheet
1Mb / 7P
Optical reader - safePXV
PXV100A-F200-B28-V1D-6011 PF-PXV100A-F200-B28-V1D-6011 Datasheet
1Mb / 7P
Optical reader - safePXV
PGV100A-F200A-B28-V1D PF-PGV100A-F200A-B28-V1D Datasheet
1Mb / 6P
Optical reader - safePGV
PGV100A-F200-B28-V1D PF-PGV100A-F200-B28-V1D Datasheet
1Mb / 6P
Optical reader - safePGV
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com