Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXV80AQS-F200-R4-V19 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # PXV80AQS-F200-R4-V19
Description  Optical reader - safePXV/PUS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PXV80AQS-F200-R4-V19 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  PXV80AQS-F200-R4-V19 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PXV80AQS-F200-R4-V19 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PXV80AQS-F200-R4-V19 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PXV80AQS-F200-R4-V19 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Safety-related X
± 1 cm
Accuracy
Non safety-related X
± 0.2 mm
Safety-related X
See the original instructions
Measuring frequency
100 Hz
Nominal ratings
Camera
Type
CMOS , Global shutter
Processor
Clock pulse frequency
600 MHz
Speed of computation
4800 MIPS
Digital resolution
32 Bit
Time delay before availability
tv
6 s
Functional safety related parameters
MTTFd
96 a
Mission Time (TM)
10 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
LED indication
7 LEDs (communication, alignment aid, status information)
Electrical specifications
Operating voltage
UB
14.5 ... 30 V DC , PELV (with unloaded switching outputs)
No-load supply current
I0
max. 200 mA
Power consumption
P0
3 W
max: 3.7 W
Interface
Interface type
RS 485 interface
Data output code
binary code
Transfer rate
115200 Bit/s
Termination
120 Ω, switchable
Query cycle time
≥ 7 ms
Input
Input type
Input 1: enable blue (active high)
Input 2: enable red (active high)
Input 3: color change (low:red, high: blue)
Level
Low: 0 V… 8 V
High: 10 V … +Vb
Input resistance
32 kΩ
Input capacity
500 pF
Output
Output type
1 switch output PNP , PNP , programmable , short-circuit protected
Switching voltage
Operating voltage
Switching current
150 mA each output
Standard conformity
Emitted interference
EN 61000-6-4:2007+A1:2011
Noise immunity
EN 61000-6-2:2005
Shock resistance
EN 60068-2-27:2009
Vibration resistance
EN 60068-2-6:2008
Approvals and certificates
CE conformity
CE
UL approval
cULus Listed, Class 2 Power Source, Type 1 enclosure
CCC approval
CCC approval / marking not required for products rated ≤36 V
Ambient conditions
Operating temperature
0 ... 60 °C (32 ... 140 °F) , -20 ... 60 °C (-4 ... 140 °F) (noncondensing; prevent icing
on the lens!)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Optical reader - safePXV/PUS
PXV80AQS-F200-R4-V19
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com