Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPW65R044MFD Datasheet(PDF) 1 Page - Wuxi Unigroup Microelectronics Company

Part # TPW65R044MFD
Description  650V Super-Junction Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WUMC [Wuxi Unigroup Microelectronics Company]
Direct Link  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPW65R044MFD Datasheet(HTML) 1 Page - Wuxi Unigroup Microelectronics Company

  TPW65R044MFD Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TPW65R044MFD
Wuxi Unigroup Microelectronics Co.,Ltd
V1.0
www.tsinghuaicwx.com
DESCRIPTION
650V super-junction Power MOSFET
Super-junction power MOSFET is a revolutionary technology for high voltage power MOSFETs,
designed according to the SJ principle. The SJ MOSFET is a price-performance optimized
product enabling to target cost sensitive applications in Consumer and Lighting markets ,
designed by Wuxi Unigroup Microelectronics Company.
FEATURES
 Ultra-fast body diode
 Very low FOM R
DS(on)×Qg
 100% avalanche tested
RoHS compliant
APPLICATIONS
 Switch Mode Power Supply (SMPS)
 Uninterruptible Power Supply (UPS)
 Power Factor Correction (PFC)
Device Marking and Package Information
Device
Package
Marking
TPW65R044MFD
TO-247
65R044MFD
Key Performance Parameters
Parameter
Value
Unit
V
DS @ Tj,max
650
V
R
DS(on),max
0.044
Ω
I
D
72
A
Q
g,typ
165
nC
I
DM
216
A
t
rr
242
ns
Q
rr
1.5
μC
I
rrm
12
A
650V Super-Junction Power MOSFET
1


Similar Part No. - TPW65R044MFD

ManufacturerPart #DatasheetDescription
logo
Wuxi Unigroup Microelec...
TPW65R075DFD WUMC-TPW65R075DFD Datasheet
753Kb / 10P
650V Super-junction Power MOSFET
V1.0
TPW65R075DFD WUMC-TPW65R075DFD Datasheet
753Kb / 10P
650V Super-junction Power MOSFET
V1.0
TPW65R075DFD WUMC-TPW65R075DFD Datasheet
757Kb / 10P
650V Super-junction Power MOSFET
V1.0
TPW65R075DFD WUMC-TPW65R075DFD Datasheet
753Kb / 10P
650V Super-junction Power MOSFET
V1.0
TPW65R080C WUMC-TPW65R080C Datasheet
692Kb / 8P
650V Super-Junction Power MOSFET
More results

Similar Description - TPW65R044MFD

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFF4N65S WINSEMI-WFF4N65S Datasheet
154Kb / 7P
650V Super-Junction Power MOSFET
WFD7N65S WINSEMI-WFD7N65S Datasheet
276Kb / 6P
650V Super-Junction Power MOSFET
WFF12N65S WINSEMI-WFF12N65S Datasheet
389Kb / 6P
650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA65R280D WUMC-TPA65R280D Datasheet
893Kb / 9P
650V Super-Junction Power MOSFET
TPA65R940C WUMC-TPA65R940C Datasheet
983Kb / 9P
650V Super-Junction Power MOSFET
TPD65R380C WUMC-TPD65R380C Datasheet
1Mb / 12P
650V Super-Junction Power MOSFET
TPV65R085CFD WUMC-TPV65R085CFD Datasheet
692Kb / 8P
650V Super-Junction Power MOSFET
TPW65R080C WUMC-TPW65R080C Datasheet
692Kb / 8P
650V Super-Junction Power MOSFET
TPW65R085CFD WUMC-TPW65R085CFD Datasheet
692Kb / 8P
650V Super-Junction Power MOSFET
TPA65R1K2C WUMC-TPA65R1K2C Datasheet
1Mb / 12P
650V Super-Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com