Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPW65R044MFD Datasheet(PDF) 2 Page - Wuxi Unigroup Microelectronics Company

Part # TPW65R044MFD
Description  650V Super-Junction Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WUMC [Wuxi Unigroup Microelectronics Company]
Direct Link  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPW65R044MFD Datasheet(HTML) 2 Page - Wuxi Unigroup Microelectronics Company

  TPW65R044MFD Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TPW65R044MFD
Wuxi Unigroup Microelectronics Co.,Ltd
V1.0
www.tsinghuaicwx.com
2
Absolute Maximum Ratings T
C = 25º
C, unless otherwise noted
Parameter
Symbol
Value
Unit
Drain-Source Voltage (V
GS = 0V)
V
DSS
650
V
Continuous Drain Current
T
C = 25ºC
I
D
72
A
TC = 100ºC
43.2
Pulsed Drain Current
(note1)
I
DM
216
A
Gate-Source Voltage
V
GSS
±30
V
Single Pulse Avalanche Energy
(note2)
E
AS
2185
mJ
Repetitive Avalanche Energy
(note2)
E
AR
3.31
mJ
Avalanche Current
I
AR
13.7
A
MOSFET dv/dt ruggedness, V
DS = 0...480V
dv/dt
50
V/ns
Power Dissipation
P
D
500
W
Continuous Body Diode Current
I
S
61
A
Pulsed Diode Forward Current
(note1)
I
SM
216
Reverse diode dv/dt
(note3)
dv/dt
50
V/ns
Maximum diode commutation speed
(note3)
di
f/dt
900
A/us
Operating Junction and Storage Temperature Range
T
J, Tstg
-55~+150
ºC
Thermal Resistance
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-Case
R
thJC
0.25
ºC/W
Thermal Resistance, Junction-to-Ambient
R
thJA
62



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com