Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS4A80CS Datasheet(PDF) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADS4A80CS
Description  SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADS4A80CS Datasheet(HTML) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADS4A80CS Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4A80CS Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4A80CS Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4A80CS Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4A80CS Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4A80CS Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ADS4A60CT/80CT
5 / 6
www.advsemi.com
Feb,2013 -Rev.3.01
ADV
PACKAGE MECHANICAL DATA
TO-202-3
Package Dimension
Making Diagram
Ordering information
Part number
Package
Marking
Packing
Quantity
ADS4A60CT
TO202-3
ADS4A60CT
Tube
50pcs
Bulk
250pcs
ADS4A80CT
TO202-3
ADS4A80CT
Tube
50pcs
Bulk
250pcs
ADV
ADS4A60CT
9LH1
CN
A9
AD S 4 A 60 C T(S)(W)
ADVANCED
Internal control code
Current:4=4A
SCR Series
Sensitivity and type:
T=0.2mA
S=15mA
Blank=30mA
W=80mA
Voltage:60=600V 80=800V
Package explain:C=TO-202-3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com