Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS4A80CS Datasheet(PDF) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADS4A80CS
Description  SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADS4A80CS Datasheet(HTML) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADS4A80CS Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4A80CS Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4A80CS Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4A80CS Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4A80CS Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4A80CS Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ADS4A60CT/80CT
1 / 6
www.advsemi.com
Feb,2013 -Rev.3.01
ADV
Symbol
Items
Conditions
Ratings
Unit
VDRM
Repetitive Peak Off-State Voltage
Tj=25°C
ADS4A60CT
600
V
VRRM
Repetitive peak reverse voltage
ADS4A80CT
800
IT(AV)
Average On-State Current
Half Sine Wave , Tc = 90°C
2.5
A
IT(RMS)
R.M.S On-State Current
Half Sine Wave , Tc = 90°C
4
A
ITSM
Surge On-State Current
1/2 Cycle, Sine Wave Non-Repetitive,
tp=10ms(50Hz)Tj =25°C
30
A
I2t
I2t for Fusing
Tj =25°C,tp =10ms
4.5
A2S
dI/dt
Critical rate of rise of on-state current
Tj =125°C, tr≤ 100ns
50
A/μs
PGM
Forward Peak Gate Power Dissipation
Tj =125°C, Pulse Width ≤ 20㎲
2
W
PG(AV)
Forward Average Gate Power
Dissipation
Tj =25°C, tp =10ms
0.2
W
IGM
Peak Gate Current
Tj =125°C, Pulse Width ≤ 20㎲
1.2
A
Tj
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
SCRs
General Description
Available either in sensitive or standard gate triggering levels, the 4A
SCR series is suitable to fit all modes of control found inapplications
such as overvoltage crowbar protection, motor control circuits in power
tools and kitchen aids, in-rush current limiting circuits,capacitive discharge
ignition, voltage regulation circuits...
Features
◆
Repetitive Peak Off-State Voltage : 600V/800V
◆
R.M.S On-State Current ( IT(RMS)= 4A )
◆
These are Pb-Free Devices
Absolute Maximum Ratings
Scan the QR code to view the latest product information
ADV
TO202-3
G
K
A


Similar Part No. - ADS4A80CS

ManufacturerPart #DatasheetDescription
logo
Advanced (Shenzhen) Ele...
ADS4A80B ADV-ADS4A80B Datasheet
293Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADS4A80BS ADV-ADS4A80BS Datasheet
293Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADS4A80BT ADV-ADS4A80BT Datasheet
293Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADS4A80BW ADV-ADS4A80BW Datasheet
293Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADS4A80D ADV-ADS4A80D Datasheet
292Kb / 6P
SCRs
Feb,2013 -Rev.3.01
More results

Similar Description - ADS4A80CS

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
SCRs
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
US108S UTC-US108S_11 Datasheet
131Kb / 3P
SCRS
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
SCRs
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com