Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1759 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # AN1759
Description  Add a Non-Volatile Clock to the MC68HC705J1A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN1759 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button AN1759 Datasheet HTML 5Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 6Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 7Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 8Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 9Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 10Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 11Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 12Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Application Note
DS1307 Software Interface
AN1759
9
DS1307 Software Interface
Memory Map
The DS1307’s memory map is shown in Figure 7. The real-time clock
registers are located in address locations $00 to $07. The 56 bytes of
non-volatile RAM are located in address locations $08 to $3F. During
multibyte addresses, the address pointer wraps around to $00 after it
reaches $3F.
Figure 7. DS1307 Memory Map
Register Map
The real-time clock registers are shown in detail in Figure 8. The time
and calendar are set by writing to the appropriate registers. The
information is in binary coded decimal (BCD) format.
To enable the processor, write a 0 to the CLOCK HALT bit in register
$00. The DS1307 is shipped with this bit set to 1.
Either 12-hour or 24-hour clock format can be used. If bit 6 of register
$02 is a 0, the device is in 24-hour mode. Likewise, when bit 6 is a 1, the
device is in 12-hour mode. Bit 5 of address $02 is used for the second
SECONDS
MINUTES
RAM
56X8
HOURS
DAY
DATE
MONTH
YEAR
CONTROL
$00
$07
$08
$3F
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com