Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1759 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # AN1759
Description  Add a Non-Volatile Clock to the MC68HC705J1A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN1759 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  AN1759 Datasheet HTML 1Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 2Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 3Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 4Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 5Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 6Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 7Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 8Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Application Note
AN1759
2
The non-volatile RAM (random-access memory) also gives the user
additional applications such as:
• Power down information storage for consumer electronics like
TVs, VCRs, and hand-held portables
• Identification number storage for remote addressing or security
• Storage of telecommunication information like phone number
recall and speed dialing
This application note describes the interface between the
MC68HC705J1A (J1A) and the DS1307. Circuitry and example code are
given to demonstrate the interface between the two parts.
Features
The DS1307 provides these features:
• Real-time clock counts seconds, minutes, hours, day of the week,
date, month, and year.
• Leap year compensation valid up to 2100
• 56 bytes of non-volatile RAM for data storage
• 2-wire serial interface
• Programmable square wave output with frequencies of 1 Hz,
4.096 kHz, 8.192 kHz, and 32.768 kHz
• Automatic power switching to battery when main power fails
• In battery backup mode, less than 500 nA consumed at 25 °C
• 8-pin DIP or SOIC package
• Optional industrial temperature range of –40 °C to +85 °C
Description
The DS1307 is a low-power binary coded decimal (BCD) clock calendar
that provides seconds, minutes, hours, day, date, month, and year. In
addition, it has 56 bytes of non-volatile RAM. End-of-the-month
adjustments are automatic for months with less than 31 days. The
device also corrects for leap years. The clock can operate in either
12-hour or 24-hour mode. In 12-hour mode, an a.m./p.m indicator is
used.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com