Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

157.310 Datasheet(PDF) 3 Page - France Joint

Part # 157.310
Description  ROD SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

157.310 Datasheet(HTML) 3 Page - France Joint

  157.310 Datasheet HTML 1Page - France Joint 157.310 Datasheet HTML 2Page - France Joint 157.310 Datasheet HTML 3Page - France Joint 157.310 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.francejoint.com
* The codes that define the materials are set out in the materials table on the previous page.
|
|
EXAMPLE OF CODIFICATION
STANDARD CODIFICATION
Materials ________ : Friction ring, PTFE + 60% Bronze - Code DB
________________ : NBR 70 Shore A O'Rings - Code K6
Rod diameter _____ : Ød1 = 50.00 mm
Groove diameter __ : ØD1 = 65.50 mm
Part number______ : 157. 050DBK6
Family
Rod diameter
Friction ring material*
O'Ring materials*
157.
050
DB
K6
Part number -
L1
Ød2.1
C
Ød2.2
R2
R1
|
|
INSTALLATION DIMENSIONS
Rod
diameter
Ød1  f8/h9
Groove diameter
Groove width
Radial section
O’Ring
cross-section
O’Ring / X’Ring
cross-section
BECA 157
Standard range
BECA 158
Extended range
ØD1 H9
L1 0/+0.20
S
Ød2.1
Ød2.2
19.0 - 37.9
18.0 - 450.0
d1 + 11.00
4.20
5.50
3.53
1.78
38.0 - 199.9
30.0 - 650.0
d1 + 15.50
6.30
7.75
5.33
1.78
200.0 - 255.9
105.0 - 999.9
d1 + 21.00
8.10
10.50
6.99
2.62
256.0 - 649.9
120.0 - 999.9
d1 + 24.50
8.10
12.25
6.99
2.62
650.0 - 999.9
285.0 - 999.9
d1 + 28.00
9.50
14.00
8.40
3.53
---
650.0 - 999.9
d1 + 38.00
13.80
19.00
12.00
5.33
For special applications > 40 MPa, we recommend using an H8/f8 tolerance (groove/rod) or selecting other, more suitable materials. Please
contact our experts.
HYDRAULIC SEALS | ROD SEALS |
BECA 157 - 158



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com