Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

157.310 Datasheet(PDF) 1 Page - France Joint

Part # 157.310
Description  ROD SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

157.310 Datasheet(HTML) 1 Page - France Joint

  157.310 Datasheet HTML 1Page - France Joint 157.310 Datasheet HTML 2Page - France Joint 157.310 Datasheet HTML 3Page - France Joint 157.310 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
|
|
EXTRUSION GAPS
Radial section
S
Radial gap
F/2
10 MPa
20 MPa
40 MPa
5.50
0.25
0.15
0.10
7.75
0.30
0.20
0.15
10.50
0.30
0.20
0.15
12.25
0.30
0.20
0.15
14.00
0.45
0.30
0.25
19.00
0.55
0.40
0.35
|
|
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.05 - 0.2 µm
≤1.6 µm
≤3.2 µm
Rz
0.4 - 1.6 µm
≤6.3 µm
≤10.0 µm
Rmax
0.63 - 2.5 µm
≤10.0 µm
≤16.0 µm
|
|
CHAMFERS AND RADIUS
Radial section
S
Radius
R1
Radius
R2
Chamfer
C
5.50
0.30
1.00
3.00
7.75
0.30
1.30
3.00
10.50
0.30
1.80
5.00
12.25
0.30
1.80
6.00
14.00
0.30
2.50
8.00
19.00
0.30
3.00
10.00
|
|
TECHNICAL DATA
Temperature
-30°C / +200°C
Pressure
50 MPa
Speed
2 m/s
Media
Mineral hydraulic oils
Fire-resistant liquids
Biocompatible fluids
Water
Gas
Others (contact our experts)
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
ROD SEALS
BECA
157-158
|
DESCRIPTION
The BECA 157 - 158 profile is a
double acting rod composite seal
composed of a filled PTFE friction
ring and two pre-tightened rubber
O'Rings. It can be assembled in a
groove according to standard ISO
7425/2. Option of connecting the
seal to 1 or 2 back-up rings.
|
ADVANTAGES
Optimal sealing for separating two fluids
Low friction coefficient;
no stick-slip effect
Excellent abrasion resistance
Wide temperature range and excellent
chemical resistance, depending on
the material selected for the O'Ring
|
APPLICATIONS
Mobile hydraulics
Machine tools
Presses
Hydro-pneumatic suspension systems
|
MATERIALS
Friction ring
Bronze-filled PTFE
O'Rings
NBR 70 Shore A
Other grades of materials are
available. Please refer to the
materials table on the next page.
HYDRAULIC SEALS | ROD SEALS |
BECA 157 - 158


Similar Part No. - 157.310

ManufacturerPart #DatasheetDescription
logo
Littelfuse
157.5700.5351 LITTELFUSE-157.5700.5351 Datasheet
54Kb / 1P
Fuse strips for batterie-powered vehicles for rated voltage up to 80 V
157.5700.5351 LITTELFUSE-157.5700.5351 Datasheet
534Kb / 1P
FUSE STRIPS RATED 48V - SPECIAL PURPOSE FUSES
157.5700.5401 LITTELFUSE-157.5700.5401 Datasheet
54Kb / 1P
Fuse strips for batterie-powered vehicles for rated voltage up to 80 V
157.5700.5401 LITTELFUSE-157.5700.5401 Datasheet
534Kb / 1P
FUSE STRIPS RATED 48V - SPECIAL PURPOSE FUSES
157.5700.5501 LITTELFUSE-157.5700.5501 Datasheet
54Kb / 1P
Fuse strips for batterie-powered vehicles for rated voltage up to 80 V
More results

Similar Description - 157.310

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
Tie rod
7/21/22
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
logo
Festo Corporation.
9254 FESTO-9254 Datasheet
41Kb / 1P
rod eye
14/12/2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com