Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT3244Q Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74FCT3244Q
Description  Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT3244Q Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74FCT3244Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS7067I
06/20/06
Block Diagram
Pin Configuration
Description
The PI74FCT3244 is an 8-bit buffer/line driver designed for
driving high capacitive memory loads. With its balanced-drive
characteristics, this high-speed, low power device provides lower
ground bounce, transmission line matching, fewer line reflections
and lower EMI and RFI. This makes it ideal for driving on-board
buses and transmission lines.
The PI74FCT3244 can be driven from either 3.3V or 5.0V devices
allowing this device to be used as a translator.
Features
• Advanced Low Power CMOS operation
• Compatible with LVC class of products
• Compatible with industry standard octal pinouts
• Excellent output drive capability:
Balanced Drives (24mA sink and source)
• Can serve as a 5V to 3V translator
• Inputs can be driven by 3.3 V or 5V devices
• Low ground bounce outputs
• Hysteresis on all inputs
• Industrial operating temperature range:
–40°C to +85°C
• Packaging (Pb-free & Green available):
– 20-pin 173-mil wide plastic TSSOP (L)
– 20-pin 150-mil wide plastic QSOP (Q)
– 20-pin 300-mil wide plastic SOIC (S)
PI74FCT3244
Fast CMOS 3.3V 8-Bit
Buffer/Line Driver
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
OEB
OA0
DB0
OA1
DB1
OA2
DB2
OA3
DB3
OEA
DA0
OB0
DA1
OB1
DA2
OB2
DA3
OB3
GND
OEA
DA0
OB0
OB1
DA1
OB2
DA2
OB3
DA3
OA0
DB0
OEB
OA1
DB1
OA2
DB2
OA3
DB3
06-0218


Similar Part No. - PI74FCT3244Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT3244Q PERICOM-PI74FCT3244Q Datasheet
437Kb / 7P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver1234567891020191817161514131211VCC
PI74FCT3244Q PERICOM-PI74FCT3244Q Datasheet
721Kb / 7P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74FCT3244QE PERICOM-PI74FCT3244QE Datasheet
721Kb / 7P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74FCT3244QEX PERICOM-PI74FCT3244QEX Datasheet
721Kb / 7P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
More results

Similar Description - PI74FCT3244Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LPT244 PERICOM-PI74LPT244 Datasheet
43Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT541 PERICOM-PI74LPT541 Datasheet
86Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LCX541 PERICOM-PI74LCX541 Datasheet
114Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LPT241 PERICOM-PI74LPT241 Datasheet
42Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT240 PERICOM-PI74LPT240 Datasheet
231Kb / 4P
Fast CMOS 3.3V 8-Bit Inverting Buffer/Line Driver
PI74LCX244 PERICOM-PI74LCX244 Datasheet
69Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT244 PERICOM-PI74LPT244_06 Datasheet
542Kb / 8P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74FCT3244QEX PERICOM-PI74FCT3244QEX Datasheet
721Kb / 7P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com