Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC385 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC385
Description  Diffused Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC385 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC385 Datasheet HTML 1Page - Sanyo Semicon Device SVC385 Datasheet HTML 2Page - Sanyo Semicon Device SVC385 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SVC385
No.8995-1/3
Features
•
Twin type varactor diode for low-voltage AM electronic tuning use.
•
Low voltage (5.5V).
•
High Q.
•
Possible to offer the SVC385 devices in a tape reel packaging.
•
Surface mount type.
•
Small-sized package permitting SVC385-applied sets to be compact and slim.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Breakdown Voltage
V(BR)R
IR=10µA16
V
Reverse Current
IR
VR=9V
100
nA
C1V
VR=1V, f=1MHz *2
339.0
381.0*
pF
Interterminal Capacitance *1
C3.5V
VR=3.5V, f=1MHz
65
pF
C5.5V
VR=5.5V, f=1MHz
17.0
23.0
pF
Quality Factor
Q
VR=1V, f=1MHz
200
Capacitance Ratio
CR
C1V / C5.5V
16.0
Matching Tolerance
∆Cm
(Cmax--Cmin) / Cmin!100
2.0
%
(Between D1 and D2) VR=1 to 5.5V
Marking : V6
*1 : The values of interterminal capacitance represent the average of measurements for two elements.
*2 : 1MHz signal : 20mVrms.
* : SVC385 are classified by C1V as right :
Rank
C1V(pF)
S
339 to 363
T
357 to 381
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : EN8995
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
O1405VB MS IM TB-00001807
SVC385
Diffused Junction Type Silicon Composite Varactor
AM Low Voltage
Electronic Tuning Applications


Similar Part No. - SVC385

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC381 SANYO-SVC381 Datasheet
24Kb / 3P
AM Low Voltage Electronic Tuning Applications
SVC383 SANYO-SVC383 Datasheet
27Kb / 3P
AM Low Voltage Electronic Tuning Applications
SVC384 SANYO-SVC384 Datasheet
28Kb / 3P
AM Low Voltage Electronic Tuning Applications
SVC386 SANYO-SVC386 Datasheet
25Kb / 3P
Diffused Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
SVC388 SANYO-SVC388 Datasheet
27Kb / 3P
Hyper-Abrupt Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
More results

Similar Description - SVC385

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC352 SANYO-SVC352 Datasheet
53Kb / 3P
Composite Varactor Diode, for AM Low-Voltage Electronic Tuning
SVC354 SANYO-SVC354 Datasheet
56Kb / 3P
Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Applications
SVC363 SANYO-SVC363 Datasheet
54Kb / 3P
Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Use
SVC371 SANYO-SVC371 Datasheet
54Kb / 3P
Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Applications
SVC386 SANYO-SVC386 Datasheet
25Kb / 3P
Diffused Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
SVC388 SANYO-SVC388 Datasheet
27Kb / 3P
Hyper-Abrupt Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
SVC389 SANYO-SVC389 Datasheet
24Kb / 3P
Hyper-Abrupt Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
SVC390 SANYO-SVC390 Datasheet
25Kb / 3P
Hyper-Abrupt Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
SVC720 SANYO-SVC720 Datasheet
87Kb / 4P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272_09 Datasheet
411Kb / 6P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com