Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC385 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SVC385
Description  Diffused Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC385 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SVC385 Datasheet HTML 1Page - Sanyo Semicon Device SVC385 Datasheet HTML 2Page - Sanyo Semicon Device SVC385 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SVC385
No.8995-2/3
Package Dimensions
Electrical Connection
unit : mm
7015-002
1
3
2
1 : Anode
2 : Anode
3 : Cathode
Top view
2.9
1.9
0.05
12
3
0.4
0.15
1 : Anode
2 : Anode
3 : Cathode
SANYO : CPH3
0123
4
567
1000
7
5
3
2
100
7
5
3
2
7
5
3
2
7
5
3
2
10
10000
1000
100
Reverse Voltage, VR -- V
C, Q -- VR
Interterminal
Capacitance,
C
Quality
Factor
, Q
IT10049
VRF=20mVrms
f=1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com