Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC707 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC707
Description  Silicon Diffused Junction Type FM Receiver Electronic Tuning Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC707 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC707 Datasheet HTML 1Page - Sanyo Semicon Device SVC707 Datasheet HTML 2Page - Sanyo Semicon Device SVC707 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SVC707
No. A0158-1/3
Features
•
High capacitance ratio.
•
Low voltage drive.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
15
V
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Breakdown Voltage
V(BR)R
IR=10µA15
V
Reverse Current
IR
VR=15V
20
nA
Interterminal Capacitance
C1.0V
VR=1.0V, f=1MHz*
18.58
21.26
pF
C4.0V
VR=4.0V, f=1MHz
3.61
4.73
pF
Capacitance Ratio
CR
C1.0V / C4.0V
4.8
Series Resistance
rs
VR=1.0V, f=100MHz
1.6
Ω
Matching Tolerance
∆Cm
(Cmax--Cmin) / Cmin!100
3.0
%
* : 1MHz signal : 20mVrms
.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0158
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
O2005VC MS IM TB-00001818
SVC707
Silicon Diffused Junction Type
FM Receiver Electronic Tuning Applications


Similar Part No. - SVC707

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC704 SANYO-SVC704 Datasheet
29Kb / 3P
Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
SVC704 SANYO-SVC704 Datasheet
435Kb / 6P
Varactor Diode for AFC, VCO
logo
ON Semiconductor
SVC704 ONSEMI-SVC704 Datasheet
333Kb / 6P
Single Varactor Diode
September, 2013
logo
Sanyo Semicon Device
SVC704-TL-E SANYO-SVC704-TL-E Datasheet
435Kb / 6P
Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
logo
ON Semiconductor
SVC704-TL-E ONSEMI-SVC704-TL-E Datasheet
333Kb / 6P
Single Varactor Diode
September, 2013
More results

Similar Description - SVC707

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC231 SANYO-SVC231 Datasheet
30Kb / 4P
FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272 Datasheet
18Kb / 3P
FM Receiver Electronic Tuning Applications
SVC276 SANYO-SVC276 Datasheet
29Kb / 3P
FM Receiver Electronic Tuning Applications
SVC270 SANYO-SVC270 Datasheet
25Kb / 3P
Diffused Junction Type Silicon Diode Varactor Diode for FM Receiver Electronic Tuning Applications
SVC385 SANYO-SVC385 Datasheet
25Kb / 3P
Diffused Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
SVC720 SANYO-SVC720 Datasheet
87Kb / 4P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272_09 Datasheet
411Kb / 6P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272_12 Datasheet
411Kb / 6P
FM Receiver Electronic Tuning Applications
SVC276 SANYO-SVC276_12 Datasheet
432Kb / 6P
FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC720 ONSEMI-SVC720 Datasheet
89Kb / 4P
FM Receiver Electronic Tuning Applications
Jan-2011, Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com