Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC707 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SVC707
Description  Silicon Diffused Junction Type FM Receiver Electronic Tuning Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC707 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SVC707 Datasheet HTML 1Page - Sanyo Semicon Device SVC707 Datasheet HTML 2Page - Sanyo Semicon Device SVC707 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SVC707
No. A0158-2/3
Package Dimensions
unit : mm
7523-001
4.0
0.4
0.5
0.4
12
2.2
0.4
2.6
3.0
3.8nom
1 : Anode
2 : Cathode
SANYO : SPA
0123
4
68
5
79
10
100
7
5
3
2
10
7
5
3
2
7
5
3
2
7
5
3
2
1.0
1000
100
10
IT10052
VRF=20mVrms
f=1MHz
Reverse Voltage, VR -- V
C, Q -- VR
Quality Factor, Q f=100MHz
Interterminal Capacitance,
C f=1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com