Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC710 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC710
Description  Silicon Diffused Junction Type Varactor Diode for AFC, VCO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC710 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC710 Datasheet HTML 1Page - Sanyo Semicon Device SVC710 Datasheet HTML 2Page - Sanyo Semicon Device SVC710 Datasheet HTML 3Page - Sanyo Semicon Device SVC710 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SVC710
No. A0605-1/4
Features
•
High capacitance ratio.
•
Low voltage drive.
•
Small-sized package : MCPH.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
15
V
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Breakdown Voltage
V(BR)R
IR=10µA15
V
Reverse Current
IR
VR=15V
20
nA
Interterminal Capacitance*
C1.0V
VR=1.0V, f=1MHz
18.5
21.5
pF
C4.0V
VR=4.0V, f=1MHz
3.5
4.8
pF
Series Resistance
rs
VR=1.0V, f=100MHz
1.6
Ω
Capacitance Ratio
CR
C1.0V / C4.0V
4.8
Marking : V8
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0605
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
40407AC TI IM TC-00000658
SANYO Semiconductors
DATA SHEET
SVC710
Silicon Diffused Junction Type
Varactor Diode for AFC, VCO


Similar Part No. - SVC710

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC710 SANYO-SVC710 Datasheet
437Kb / 6P
Varactor Diode for AFC, VCO
logo
ON Semiconductor
SVC710 ONSEMI-SVC710 Datasheet
334Kb / 6P
Single Varactor Diode
September, 2013
SVC710-TL-E ONSEMI-SVC710-TL-E Datasheet
334Kb / 6P
Single Varactor Diode
September, 2013
logo
Sanyo Semicon Device
SVC710 SANYO-SVC710_12 Datasheet
437Kb / 6P
Varactor Diode for AFC, VCO
More results

Similar Description - SVC710

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC252 SANYO-SVC252 Datasheet
54Kb / 3P
Varactor Diode for AFC, CB PLL
EC2C03C SANYO-EC2C03C Datasheet
27Kb / 3P
Diffused Junction Type Silicon Diode Variable Capacitance Diode for UHF Band VCO
SVC270 SANYO-SVC270 Datasheet
25Kb / 3P
Diffused Junction Type Silicon Diode Varactor Diode for FM Receiver Electronic Tuning Applications
SVC704 SANYO-SVC704 Datasheet
29Kb / 3P
Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
SVC720 SANYO-SVC720 Datasheet
87Kb / 4P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
SVC203C SANYO-SVC203C_09 Datasheet
50Kb / 4P
Diffused Junction Type Silicon Diode Varactor Diode for FM Low-Voltage Electronic Tuning Use
SVC272 SANYO-SVC272_09 Datasheet
411Kb / 6P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
SVC704 SANYO-SVC704_09 Datasheet
435Kb / 6P
Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
SVC704 SANYO-SVC704_12 Datasheet
435Kb / 6P
Varactor Diode for AFC, VCO
SVC710 SANYO-SVC710_12 Datasheet
437Kb / 6P
Varactor Diode for AFC, VCO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com