Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC710 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SVC710
Description  Silicon Diffused Junction Type Varactor Diode for AFC, VCO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC710 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SVC710 Datasheet HTML 1Page - Sanyo Semicon Device SVC710 Datasheet HTML 2Page - Sanyo Semicon Device SVC710 Datasheet HTML 3Page - Sanyo Semicon Device SVC710 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SVC710
No. A0605-2/4
Package Dimensions
Electrical Connection
unit : mm (typ)
7019A-001
3
12
1 : Anode
2 : No Contact
3 : Cathode
Top view
1 : Anode
2 : No Contact
3 : Cathode
SANYO : MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
Reverse Voltage, VR -- V
Q, C -- VR
1.0
2
3
5
7
10
2
3
5
7
100
10
2
3
5
7
100
2
3
5
7
1000
1
02
3
4
56
IT11916
VRF=20mVrms
Quality
Factor,
Q (f=100MHz)
Interterminal
Capacitance,
C (f=1MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com