Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIG030TS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TIG030TS
Description  N-Channel IGBT Light-Controlling Flash Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TIG030TS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TIG030TS Datasheet HTML 1Page - Sanyo Semicon Device TIG030TS Datasheet HTML 2Page - Sanyo Semicon Device TIG030TS Datasheet HTML 3Page - Sanyo Semicon Device TIG030TS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TIG030TS
No. A0637-1/4
Features
•
Low-saturation voltage.
•
4V drive.
•
Enhansment type.
•
Built-in gate-to-emitter protection diode.
•
Mounting height 1.1mm, mounting area 19.2mm2.
•
dv / dt guarantee.*
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Emitter Voltage
VCES
400
V
Gate-to-Emitter Voltage (DC)
VGES
±6V
Gate-to-Emitter Voltage (Pulse)
VGES
PW≤1ms
±8V
Collector Current (Pulse)
ICP
PW≤500µs, duty cycle≤0.5%, CM=400µF
150
A
Maximum Collector-to-Emitter dv / dt
dVCE / dt
VCE≤320V, starting Tch=25°C
400
V / µs
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--40 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=2mA, VGE=0V
400
V
Collector-to-Emitter Cutoff Current
ICES
VCE=320V, VGE=0V
10
µA
Gate-to-Emitter Leakage Current
IGES
VGE=±6V, VCE=0V
±10
µA
Marking : G030
Continued on next page.
* : Conduct 100% screening of dv / dt (slope of collector voltage at the time of turn-off) by dv / dt>400V/µs.
Ordering number : ENA0637A
53007 TI IM / 11007PJ TI IM TC-00000459
SANYO Semiconductors
DATA SHEET
TIG030TS
N-Channel IGBT
Light-Controlling Flash Applications
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - TIG030TS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TIG032TS SANYO-TIG032TS Datasheet
55Kb / 5P
N-Channel IGBT Light-Controlling Flash Applications
More results

Similar Description - TIG030TS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TIG032TS SANYO-TIG032TS Datasheet
55Kb / 5P
N-Channel IGBT Light-Controlling Flash Applications
TIG052TS SANYO-TIG052TS Datasheet
55Kb / 5P
N-Channel IGBT Light-Controlling Flash Applications
TIG062E8 SANYO-TIG062E8 Datasheet
339Kb / 5P
Light-Controlling Flash Applications
TIG058E8 SANYO-TIG058E8 Datasheet
338Kb / 5P
Light-Controlling Flash Applications
TIG064E8 SANYO-TIG064E8 Datasheet
341Kb / 5P
N-Channel IGBT Light-Controlling Flash Applications
TIG062E8_0910 SANYO-TIG062E8_0910 Datasheet
352Kb / 5P
Light-Controlling Flash Applications
TIG065E8 SANYO-TIG065E8 Datasheet
136Kb / 6P
Light-Controlling Flash Applications
TIG066SS SANYO-TIG066SS Datasheet
483Kb / 6P
Light-Controlling Flash Applications
TIG058E8 SANYO-TIG058E8_12 Datasheet
180Kb / 7P
N-Channel IGBT Light-Controlling Flash Applications
TIG065E8 SANYO-TIG065E8_12 Datasheet
188Kb / 8P
N-Channel IGBT Light-Controlling Flash Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com