Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIG030TS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TIG030TS
Description  N-Channel IGBT Light-Controlling Flash Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TIG030TS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TIG030TS Datasheet HTML 1Page - Sanyo Semicon Device TIG030TS Datasheet HTML 2Page - Sanyo Semicon Device TIG030TS Datasheet HTML 3Page - Sanyo Semicon Device TIG030TS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIG030TS
No. A0637-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Gate-to-Emitter Threshold Voltage
VGE(off)
VCE=10V, IC=1mA
0.5
1.2
V
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=150A, VGE=4V
3.7
5.4
V
Input Capacitance
Cies
VCE=10V, f=1MHz
2610
pF
Output Capacitance
Coes
VCE=10V, f=1MHz
59
pF
Reverse Transfer Capacitance
Cres
VCE=10V, f=1MHz
36
pF
Package Dimensions
Electrical Connection
unit : mm (typ)
7006A-007
Large Current R Load Screening Circuit
1 : Collector
2 : Collector
3 : Collector
4 : Collector
5 : Emitter
6 : Emitter
7 : Emitter
8 : Gate
SANYO : TSSOP8
3.0
0.65
0.125
85
14
0.25
12
3
4
87
6
5
1 : Collector
2 : Collector
3 : Collector
4 : Collector
5 : Emitter
6 : Emitter
7 : Emitter
8 : Gate
Top view
100kΩ
CM=400µF
RL=2.0Ω
RG≥50Ω
VCC=320V
+
TIG030TS
4V
0V
Note1. Gate Series Resistance RG≥50Ω is recommended for prolection purpose at the time of turn OFF. However,
if dv/dt
≤400V/µs is satisfied at customer’s actual set evaluation, RG<50Ω can also be used.
Note2. The collector voltage gradient dv / dt must be smaller than 400V /
µs to protect the device when it is turned off.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com