Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BATISOSW Datasheet(PDF) 2 Page - Aims Power

Part # BATISOSW
Description  Dual Sensing Battery Isolator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power

BATISOSW Datasheet(HTML) 2 Page - Aims Power

  BATISOSW Datasheet HTML 1Page - Aims Power BATISOSW Datasheet HTML 2Page - Aims Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WIRING DIAGRAM
FAULT SIGNAL
The Dual Sensing Battery Isolator can use a solar panel or an external battery charger to
recharge. Use 300 amp fuse or smaller. Make sure the battery cables are sized for 300
amps. NOTE: The AIMS Power isolator may also be used as a standard ignition switch
isolator. Simply remove the battery monitor (black box) from the isolator and connect the
isolator's input to the ignition.
it is normal for the LED to illuminate for a brief time after the vehicle is turned OFF. If there is a
fault, the LED on the manual switch is set to indicate fault with a sequence of flickers to notify
the user. The LED will flicker in the following sequences:
Error 1
2 flickers
Over-Voltage > 15.5 V
Error 2
3 flickers
Voltage drop < 12.7 V
AIMS POWER | 9550 GATEWAY DR. | RENO, NV 89521 | WWW.AIMSCORP.NET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com