Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BATISOSW Datasheet(PDF) 1 Page - Aims Power

Part # BATISOSW
Description  Dual Sensing Battery Isolator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power

BATISOSW Datasheet(HTML) 1 Page - Aims Power

  BATISOSW Datasheet HTML 1Page - Aims Power BATISOSW Datasheet HTML 2Page - Aims Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Dual Battery Isolator is designed specifically for use in multi-battery applications. If the isolator detects that
either battery has exceeded 13.2 volts, the isolator will connect them. The benefit of the dual sensing feature
allows user to charge the main battery from a solar panel or an external battery charger, on the auxiliary battery,
once the auxiliary battery reaches 80% state of charge (13.2V). This ensures you never have a drained starter
battery again. The isolator is also automatic and based on voltage, which saves installation time. When the
entire battery system drops below 12.7 volts the solenoid opens and isolates the starter battery from the auxiliary
battery.
•
A safe way to charge your auxiliary battery while driving
•
Cost-effective solution against a flat start battery
•
The isolator monitors both battery voltages automatically
•
The optional Manual Switch allows for manual control, linking the two batteries together with a
push of a button. The isolator will manually operate allowing current to flow for 60 seconds
without the alternator, even if both batteries are below 12.7V.- Part # BATISOSW
SPECIFICATIONS
INSTALLATION INSTRUCTIONS
Make sure the auxiliary battery negative is properly grounded to the
vehicle chassis.
Connect the Isolator ground terminal to chassis ground.
Connect power from the main battery to the input of the isolator.
Connect power from the output of the isolator to the auxiliary
battery.
Connect the cables in the order shown on the next page.
(Optional) Plug in the manual start switch (sold separately) into the
3.5mm jack. To manually operate the isolator, press the manual
switch and the isolator will manually operate allowing current to flow
for 60 seconds without the alternator. This is true even if both
batteries are below 12.7V.
PART #: BATISOSW.
It is recommended to install a fuse and holder or a circuit
breaker to the power wire going from main battery to isolator.
Should be rated at 300 amps or less to match battery cables.
It is also recommended to install a fuse and holder or a circuit
breaker to the power wire going from the isolator to auxiliary
battery. Should be rated at 300 amps or less to match battery
cables.
Remove any paint to ensure a good ground
connection. Note: A good ground will ensure correct
switching voltage.
1.
2.
3.
4.
5.
6.
Dual Sensing Battery Isolator
_


Similar Part No. - BATISOSW

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
BAT-12120 GAMEWELL-FCI-BAT-12120 Datasheet
75Kb / 2P
NAC Expander/Power Supply
BAT-12120 GAMEWELL-FCI-BAT-12120 Datasheet
60Kb / 2P
Constant-Duty Power Supply
BAT-12120 GAMEWELL-FCI-BAT-12120 Datasheet
141Kb / 2P
NAC Expander/Power Supply
BAT-12120 GAMEWELL-FCI-BAT-12120 Datasheet
230Kb / 4P
Audio Command Center Voice Evacuation Control Panel
BAT-12120 GAMEWELL-FCI-BAT-12120 Datasheet
169Kb / 4P
Zoned Audio Command Center Voice Evacuation Control Panel
More results

Similar Description - BATISOSW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
Dual-Channel Digital Isolator
6/07-Rev. B to Rev. C
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
DUAL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
High Speed Dual Digital Isolator
logo
Analog Devices
ADUM1210 AD-ADUM1210_15 Datasheet
285Kb / 20P
Dual-Channel Digital Isolator
Rev. D
logo
EVER-WAY INDUSTRY COMPA...
EW-BI-150 EVER-WAY-EW-BI-150 Datasheet
281Kb / 3P
Smart battery isolator
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
09-May-2022
logo
Littelfuse
48525 LITTELFUSE-48525 Datasheet
1Mb / 4P
SMART BATTERY ISOLATOR
2016 Rev: 120116
48540 LITTELFUSE-48540 Datasheet
721Kb / 4P
FlexMod™ SMART BATTERY ISOLATOR CONTROLLER
2017 Rev: 053117
logo
STMicroelectronics
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
Dual channel digital isolator
09-Jan-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com