Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1017 Datasheet(PDF) 21 Page - Microchip Technology

Part # TC1017
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC1017_V01 Datasheet HTML 17Page - Microchip Technology TC1017_V01 Datasheet HTML 18Page - Microchip Technology TC1017_V01 Datasheet HTML 19Page - Microchip Technology TC1017_V01 Datasheet HTML 20Page - Microchip Technology TC1017_V01 Datasheet HTML 21Page - Microchip Technology TC1017_V01 Datasheet HTML 22Page - Microchip Technology TC1017_V01 Datasheet HTML 23Page - Microchip Technology TC1017_V01 Datasheet HTML 24Page - Microchip Technology TC1017_V01 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
 2005-2023 Microchip Technology Inc. and its subsidiaries
DS20001813G-page 21
TC1017
RECOMMENDED LAND PATTERN
5-Lead Plastic Small Outline Transistor (C7X) [SOT-23]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing No. C04-2091-C7X Rev H
Dimension Limits
Contact Pad Length (X5)
Overall Width
Distance Between Pads
Contact Pad Width (X5)
Contact Pitch
Contact Pad Spacing
3.90
1.10
G
Z
Y
1.70
0.60
MAX
MIN
C
X
E
Units
NOM
0.95 BSC
2.80
MILLIMETERS
Distance Between Pads
GX
0.35
1
5
X
Y
Z
C
E
GX
G
2
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com