Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1262 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC1262
Description  500 mA Fixed Output CMOS LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1262 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC1262 Datasheet HTML 9Page - Microchip Technology TC1262 Datasheet HTML 10Page - Microchip Technology TC1262 Datasheet HTML 11Page - Microchip Technology TC1262 Datasheet HTML 12Page - Microchip Technology TC1262 Datasheet HTML 13Page - Microchip Technology TC1262 Datasheet HTML 14Page - Microchip Technology TC1262 Datasheet HTML 15Page - Microchip Technology TC1262 Datasheet HTML 16Page - Microchip Technology TC1262 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
 2002-2023 Microchip Technology Inc. and its subsidiaries
DS20001373D-page 13
TC1262
Microchip Technology Drawing C04-032 Rev D Sheet 2 of 2
3-Lead Plastic Small Outline Transistor (DB) [SOT-223]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
2.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or
protrusions shall not exceed 0.127mm per side.
0.84
0.60
b1
Lead Width
0.35
0.23
c
Lead Thickness
6.70
6.30
D
Overall Length
7.30
E
Overall Width
1.80
-
A
Overall Height
4.60 BSC
e1
Outside lead pitch
3
N
Number of Leads
MAX
MIN
Dimension Limits
MILLIMETERS
Units
Molded Package Width
E1
3.30
3.70
6.70
Tab Lead Width
b2
2.90
3.10
Foot Length
L
0.75
-
3.00
-
0.30
0.76
-
3.50
6.50
7.00
NOM
Lead Angle
-
0°
10°
Molded Package Height
1.70
1.50
A2
1.60
Standoff
-
A1
0.02
0.10
Lead Pitch
e
2.30 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com